Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCT-38SX30-RM Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # CCT-38SX30-RM
Description  Normally Open Coaxial Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-38SX30-RM Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

Back Button CCT-38SX30-RM Datasheet HTML 2Page - Teledyne Technologies Incorporated CCT-38SX30-RM Datasheet HTML 3Page - Teledyne Technologies Incorporated CCT-38SX30-RM Datasheet HTML 4Page - Teledyne Technologies Incorporated CCT-38SX30-RM Datasheet HTML 5Page - Teledyne Technologies Incorporated CCT-38SX30-RM Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-38SX30-RM Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-38SX30-RM Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-38SX30-RM Datasheet HTML 9Page - Teledyne Technologies Incorporated CCT-38SX30-RM Datasheet HTML 10Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CCT-38S/CT-38S Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCT-38S\CT-38S\082013\Q3
Series CCT-38S/CT-38S
Multi-Throw DC–18 GHz/DC-22 GHz
Normally Open Coaxial Switch
COAX SWITCHES
TRUTH TABLE Normally Open
CCT-38SX6C-TD
Logic Input
RF Path
Indicator Switches
123
J1
J2
J3
J4
J5
J6
E
F
G
H
K
L
000
On
Off Off Off Off Off
C
00000
100
Off
On
Off Off Off Off
0
C
0000
010
Off Off
On
Off Off Off
0
0
C
000
1
1
0
Off Off Off
On
Off Off
000
C
00
0
0
1
Off Off Off Off
On
Off
0000
C
0
1
0
1
Off Off Off Off Off
On
00000
C
1
1
1
Off Off Off Off Off Off
000000
TRUTH TABLE Normally Open
CCT-38SX5C-TD
Logic Input
RF Path
Indicator Switches
123
J1
J2
J3
J4
J5
E
F
G
H
K
000
On
Off Off Off Off
C
0000
100
Off
On
Off Off Off
0
C
000
010
Off Off
On
Off Off
0
0
C
00
1
1
0
Off Off Off
On
Off
000
C
0
0
0
1
Off Off Off Off
On
0000
C
1
1
1
Off Off Off Off Off
00000
TRUTH TABLE Normally Open
CCT-38SX5C-T
Logic Input
RF Path
Indicator Switches
12345
J1
J2
J3
J4
J5
E
F
G
H
K
10000
On
Off Off Off Off
C
0000
01000
Off
On
Off Off Off
0
C
000
00100
Off Off
On
Off Off
0
0
C
00
0
0
0
1
0
Off Off Off
On
Off
000
C
0
0
0
0
0
1
Off Off Off Off
On
0000
C
TRUTH TABLE Normally Open
CCT-38SX6C-T
Logic Input
RF Path
Indicator Switches
123456
J1
J2
J3
J4
J5
J6
E
F
G
H
K
L
100000
On
Off Off Off Off Off
C
00000
010000
Off
On
Off Off Off Off
0
C
0000
001000
Off Off
On
Off Off Off
0
0
C
000
0
0
0
1
0
0
Off Off Off
On
Off Off
000
C
00
0
0
0
0
1
0
Off Off Off Off
On
Off
0000
C
0
0
0
0
0
0
1
Off Off Off Off Off
On
00000
C


Similar Part No. - CCT-38SX30-RM

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
   Normally Open Coaxial Switch
CCT-38S TELEDYNE-CCT-38S Datasheet
522Kb / 5P
   Controlled with USB or Ethernet
CCT-38S100-D TELEDYNE-CCT-38S100-D Datasheet
804Kb / 10P
   Normally Open Coaxial Switch
CCT-38S100-M TELEDYNE-CCT-38S100-M Datasheet
804Kb / 10P
   Normally Open Coaxial Switch
CCT-38S100-S TELEDYNE-CCT-38S100-S Datasheet
804Kb / 10P
   Normally Open Coaxial Switch
More results

Similar Description - CCT-38SX30-RM

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
   Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
   Normally Open Coaxial Switch
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCS-18 TELEDYNE-CCS-18 Datasheet
1,017Kb / 16P
   Normally Open Coaxial Switch
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CR-38S TELEDYNE-CR-38S Datasheet
817Kb / 13P
   Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
   Normally Open Switch
logo
Teledyne Technologies I...
CCR-38U TELEDYNE-CCR-38U Datasheet
937Kb / 7P
   DC–52 GHz, Unterminated Normally Open SPnT Coaxial Switch
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com