Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR-38SX60-TM Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCR-38SX60-TM
Description  Normally Open Coaxial Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-38SX60-TM Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCR-38SX60-TM Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-38SX60-TM Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-38SX60-TM Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-38SX60-TM Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-38SX60-TM Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-38SX60-TM Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-38SX60-TM Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-38SX60-TM Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-38SX60-TM Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-38S/CR-38S Page 1
CCR-38S\CR-38S\072013\Q3
Series CCR-38S/CR-38S
Multi-Throw DC–18 GHz/DC-22 GHz
Normally Open Coaxial Switch
COAX SWITCHES
ELECTRICAL CHARACTERISTICS
Form Factor
Multi-Throw,
break before make
Frequency Range
CCR-38S
CR-38S
DC–18 GHz
DC-22 GHz
Characteristic Impedance
50 Ohms
Operate Time
15 ms (max.)
Release Time
15 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
400 205 170 140 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCR-38S
Elite Model, CR-38S
–40°C to 65°C
–55°C to 85°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
5,000,000 cycles
1,000,000 cycles
Connector Type
SMA
Humidity (Moisture Seal)
Available
Weight
6 oz. (170.1g) (max.)
PERFORMANCE CHARACTERISTICS
Frequency
DC–4 GHz
4–8 GHz
8–12 GHz
12–16 GHz
16-20 GHz
20-22 GHz
Insertion Loss, dB,
max.
0.1
0.2
0.2
0.3
0.3
0.4
Isolation, dB, min.
80
80
80
80
75
70
VSWR , max.
1.05:1
1.1:1
1.2:1
1.2:1
1.2:1
1.2:1
PART NUMBER
DESCRIPTION
CCR-38S
Commercial Normally Open Multi-throw, DC-18GHz
CR-38S
Elite Normally Open Multi-throw, DC-22GHz
The CCR-38S/CR-38S is a broadband, multi-throw, electromechanical coaxial switch designed to switch
a microwave signal from a common input to any of 3, 4, 5, or 6 outputs. The characteristic impedance
is 50 Ohms. The switches are small using the popular connector spacing on a 1.062” dia. circle. Each
position has an individual actuator mechanism allowing random position selection. This also gives the
minimum switching time.
With the normally open actuator, all paths are open when the switch is de-energized.
PART NUMBERING SYSTEM
For additional options, please contact factory.
Actuator Voltage
CCR-38
S
1
6
C
-
T **
Series
Connectors
Actuator Type
Options
Number of Positions
* D-Sub Connector may be 9 or 15 pin depending on
number of throws. (See Connector Pinout page)
CONNECTOR
ACTUATOR VOLTAGE
NUMBER OF POSITIONS
ACTUATOR TYPE
OPTIONS
S
: SMA FEMALE
1: 28 VDC NORMALLY OPEN
3: SP3T
0
: NO INDICATOR CONTACTS
T
: TTL DRIVERS WITH DIODES
2: 15 VDC NORMALLY OPEN
4: SP4TC
: INDICATOR CONTACTS
D
: COIL TRANSIENT SUPPRESSION DIODES
3: 12 VDC NORMALLY OPEN
5: SP5TS
: D-SUB CONNECTOR*
4: 24 VDC NORMALLY OPEN
6: SP6TTD
: DECODERS AND TTL DRIVERS WITH
DIODES
**SEE PARTS LIST ON PAGE 12-13
M
: MOISTURE SEAL


Similar Part No. - CCR-38SX60-TM

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-38S TELEDYNE-CCR-38S Datasheet
522Kb / 5P
   Controlled with USB or Ethernet
More results

Similar Description - CCR-38SX60-TM

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
   Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
   Normally Open Coaxial Switch
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCS-18 TELEDYNE-CCS-18 Datasheet
1,017Kb / 16P
   Normally Open Coaxial Switch
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CT-38S TELEDYNE-CT-38S Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
   Normally Open Switch
logo
Teledyne Technologies I...
CCR-38U TELEDYNE-CCR-38U Datasheet
937Kb / 7P
   DC–52 GHz, Unterminated Normally Open SPnT Coaxial Switch
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com