Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR-39S94C-M Datasheet(PDF) 9 Page - Teledyne Technologies Incorporated

Part # CCR-39S94C-M
Description  Latching Coaxial Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-39S94C-M Datasheet(HTML) 9 Page - Teledyne Technologies Incorporated

Back Button CCR-39S94C-M Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-39S94C-M Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-39S94C-M Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-39S94C-M Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-39S94C-M Datasheet HTML 9Page - Teledyne Technologies Incorporated CCR-39S94C-M Datasheet HTML 10Page - Teledyne Technologies Incorporated CCR-39S94C-M Datasheet HTML 11Page - Teledyne Technologies Incorporated CCR-39S94C-M Datasheet HTML 12Page - Teledyne Technologies Incorporated CCR-39S94C-M Datasheet HTML 13Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-39S/CR-39S Page 9
CCR-39S\CR-39S\072013\Q3
Series CCR-39S/CR-39S
Multi-Throw DC-18 GHz/DC-22 GHz
Latching Coaxial Switch
COAX SWITCHES
Power Handling vs. Frequency
Estimates based on the following reference conditions:
• Ambient temperature of 40°C or less
• Sea level operation
• Load VSWR of 1.20:1 maximum
• No high-power (hot) switching
Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions.
TYPICAL POWER PERFORMANCE CURVE
3000
Frequency GHz
2000
1000
800
600
400
300
200
100
80
60
40
30
20
10
.1
.2
.3 .4
.6 .8 1
2
4
6 8 10
18
STANDARD
SMA
SWITCHES


Similar Part No. - CCR-39S94C-M

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCR-39S970-D WILLOW-CCR-39S970-D Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
CCR-39S970-M WILLOW-CCR-39S970-M Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
CCR-39S970-R WILLOW-CCR-39S970-R Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
CCR-39S970-S WILLOW-CCR-39S970-S Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
CCR-39S970-T WILLOW-CCR-39S970-T Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
More results

Similar Description - CCR-39S94C-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
   Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
   Latching Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
   Latching Coaxial Switch
CCT-59S TELEDYNE-CCT-59S Datasheet
876Kb / 13P
   Latching Coaxial Switch
CT-39S TELEDYNE-CT-39S Datasheet
867Kb / 13P
   Latching Coaxial Switch
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCRT-33S TELEDYNE-CCRT-33S Datasheet
575Kb / 8P
   Latching SPDT Coaxial Switch
CCP-33S TELEDYNE-CCP-33S Datasheet
382Kb / 6P
   Latching SPDT Coaxial Switch
CCP-47N TELEDYNE-CCP-47N Datasheet
390Kb / 6P
   Latching TRANSFER Coaxial Switch
CR-33M TELEDYNE-CR-33M Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com