Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCT-49K960-TD Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # CCT-49K960-TD
Description  Latching Multi-Throw Coaxial Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-49K960-TD Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

Back Button CCT-49K960-TD Datasheet HTML 2Page - Teledyne Technologies Incorporated CCT-49K960-TD Datasheet HTML 3Page - Teledyne Technologies Incorporated CCT-49K960-TD Datasheet HTML 4Page - Teledyne Technologies Incorporated CCT-49K960-TD Datasheet HTML 5Page - Teledyne Technologies Incorporated CCT-49K960-TD Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-49K960-TD Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-49K960-TD Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-49K960-TD Datasheet HTML 9Page - Teledyne Technologies Incorporated CCT-49K960-TD Datasheet HTML 10Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CCT-49K/CT-49K Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2016 TELEDYNE COAX SWITCHES
CCT-49K\CT-49K\072016\Q3
Series CCT-49K/CT-49K
Internal 50Ω Termination DC-40 GHz
Latching Multi-Throw Coaxial Switch
COAX SWITCHES
TRUTH TABLE Latching
CCT-49KX6C-TD
Logic Input
RF Path
Indicator Switches
1
2
3
J1
J2
J3
J4
J5
J6
Reset
E
F
G
H
K
L
000
On
Off
Off
Off
Off
Off
Off
C
00000
100
Off
On
Off
Off
Off
Off
Off
0
C
0000
010
Off
Off
On
Off
Off
Off
Off
0
0
C
000
1
1
0
Off
Off
Off
On
Off
Off
Off
0
0
0
C
00
0
0
1
Off
Off
Off
Off
On
Off
Off
0000
C
0
1
0
1
Off
Off
Off
Off
Off
On
Off
0
0000
C
0
1
1
Off
Off
Off
Off
Off
Off
Reset
0
00000
1
1
1
COIL OFF
0
00000
TRUTH TABLE Latching
CCT-49KX5C-TD
Logic Input
RF Path
Indicator Switches
1
2
3
J1
J2
J3
J4
J5
Reset
E
F
G
H
K
000
On
Off
Off
Off
Off
Off
C
0000
100
Off
On
Off
Off
Off
Off
0
C
000
010
Off
Off
On
Off
Off
Off
0
0
C
00
1
1
0
Off
Off
Off
On
Off
Off
000
C
0
0
0
1
Off
Off
Off
Off
On
Off
0000
C
0
1
1
Off
Off
Off
Off
Off
Reset
0
0
0
0
0
1
1
1
COIL OFF
00000
TRUTH TABLE Latching
CCT-49KX5C-T
Logic Input
RF Path
Indicator Switches
12345
R
J1
J2
J3
J4
J5
Reset
E
F
G
H
K
100000
On
Off
Off
Off
Off
Off
C
0000
010000
Off
On
Off
Off
Off
Off
0
C
000
001000
Off
Off
On
Off
Off
Off
0
0
C
00
000100
Off
Off
Off
On
Off
Off
0
0
0
C
0
000010
Off
Off
Off
Off
On
Off
0
0
0
0
C
TRUTH TABLE Latching
CCT-49KX6C-T
Logic Input
RF Path
Indicator Switches
123456
R
J1
J2
J3
J4
J5
J6
Reset
E
F
G
H
K
L
1000000
On
Off
Off
Off
Off
Off
Off
C
00000
0100000
Off
On
Off
Off
Off
Off
Off
0
C
0000
0010000
Off
Off
On
Off
Off
Off
Off
0
0
C
000
0001000
Off
Off
Off
On
Off
Off
Off
0
0
0
C
00
0000100
Off
Off
Off
Off
On
Off
Off
0000
C
0
0000010
Off
Off
Off
Off
Off
On
Off
00000
C


Similar Part No. - CCT-49K960-TD

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-49K TELEDYNE-CCT-49K Datasheet
522Kb / 5P
   Controlled with USB or Ethernet
More results

Similar Description - CCT-49K960-TD

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
   Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
   Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
   Latching Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
   Latching Coaxial Switch
CCT-59S TELEDYNE-CCT-59S Datasheet
876Kb / 13P
   Latching Coaxial Switch
CT-39S TELEDYNE-CT-39S Datasheet
867Kb / 13P
   Latching Coaxial Switch
logo
Willow Technologies Ltd
CCR-39S WILLOW-CCR-39S Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
logo
Teledyne Technologies I...
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCRT-33S TELEDYNE-CCRT-33S Datasheet
575Kb / 8P
   Latching SPDT Coaxial Switch
CCP-33S TELEDYNE-CCP-33S Datasheet
382Kb / 6P
   Latching SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com