Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR-53S8D-M Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # CCR-53S8D-M
Description  Latching SPDT Coaxial Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-53S8D-M Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

  CCR-53S8D-M Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-53S8D-M Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-53S8D-M Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-53S8D-M Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-53S8D-M Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-53S8D-M Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-53S8D-M Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-53S8D-M Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-53S8D-M Datasheet HTML 9Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CCR-53S/CR-53S Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2015 TELEDYNE COAX SWITCHES
CCR-53S\CR-53S\092015\Q3
Series CCR-53S/CR-53S
Miniature DC–26.5 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
Power Handling vs. Frequency
Estimates based on the following reference conditions:
• Ambient temperature of 40°C or less
• Sea level operation
• Load VSWR of 1.20:1 maximum
• No high-power (hot) switching
Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions.
TYPICAL POWER PERFORMANCE CURVE
3000
Frequency GHz
2000
1000
800
600
400
300
200
100
80
60
40
30
20
10
.1
.2
.3 .4 .6 .8 1
2
4
6 8 10
18 26.5
STANDARD
SMA
SWITCHES


Similar Part No. - CCR-53S8D-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
522Kb / 5P
   Controlled with USB or Ethernet
CCR-58S130-D TELEDYNE-CCR-58S130-D Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCR-58S130-M TELEDYNE-CCR-58S130-M Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCR-58S130-S TELEDYNE-CCR-58S130-S Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
More results

Similar Description - CCR-53S8D-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCRT-33S TELEDYNE-CCRT-33S Datasheet
575Kb / 8P
   Latching SPDT Coaxial Switch
CCP-33S TELEDYNE-CCP-33S Datasheet
382Kb / 6P
   Latching SPDT Coaxial Switch
CR-33M TELEDYNE-CR-33M Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
CR-33K TELEDYNE-CR-33K Datasheet
576Kb / 8P
   Latching SPDT Coaxial Switch
CRT-40 TELEDYNE-CRT-40 Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
   Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
   Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
   Latching Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
   Latching Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com