Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCT-39S759-M Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCT-39S759-M
Description  Latching Coaxial Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-39S759-M Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCT-39S759-M Datasheet HTML 1Page - Teledyne Technologies Incorporated CCT-39S759-M Datasheet HTML 2Page - Teledyne Technologies Incorporated CCT-39S759-M Datasheet HTML 3Page - Teledyne Technologies Incorporated CCT-39S759-M Datasheet HTML 4Page - Teledyne Technologies Incorporated CCT-39S759-M Datasheet HTML 5Page - Teledyne Technologies Incorporated CCT-39S759-M Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-39S759-M Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-39S759-M Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-39S759-M Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCT-39S/Page 1
CCT-39S\072013\Q3
Series CCT-39S
Multi-Throw DC-10 GHz, SP9T & SP10T
Latching Coaxial Switch, Internal 50
Ω Termination
COAX SWITCHES
ELECTRICAL CHARACTERISTICS
Form Factor
Multi-Throw,
break before make
Frequency Range
CCT-39S
DC–10 GHz
Characteristic Impedance
50 Ohms
Operate Time
20 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current
110 105 90 105 mA
Reset Current (# of Positions)
(9)
990 945 810 945 mA
(10)
1100 1050 900 1050 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCT-39S
–40°C to 65°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
3,000,000 cycles
1,000,000 cycles
Connector Type
SMA
Humidity (Moisture Seal)
Available
Weight
9 oz. (255.2g) (max.)
PART NUMBER
DESCRIPTION
CCT-39S
Commercial Latching Multi-throw, DC-10GHz
The CCT-39S is a broadband, multi-throw, electromechanical coaxial switch designed to switch a
microwave signal from a common input to any of 9 or 10 outputs. The characteristic impedance is 50
Ohms. Each position has an individual actuator mechanism allowing random position selection. This also
minimizes switching time.
The CCT-39S comes with a latching actuator. The latching switch remains in the last position selected
when the switch is de-energized. STD dual command requires a reset pulse before a new selected
position. A separate reset circuit allows all positions to be set to an open position. User must provide both
reset (clear) and set (select new position) commands.
PART NUMBERING SYSTEM
For additional options, please contact factory.
Actuator Voltage
CCT-39
S
6
0
C
-
T **
Series
Connectors
Actuator Type
Options
Number of Positions
CONNECTOR
ACTUATOR VOLTAGE
NUMBER OF POSITIONS
ACTUATOR TYPE
OPTIONS
S
: SMA FEMALE
6: 28 VDC LATCHING
9: SP9T
0
: NO INDICATOR CONTACTS
T
: TTL DRIVERS WITH DIODES
7: 15 VDC LATCHING
0: SP10TC
: INDICATOR CONTACTS
D
: COIL TRANSIENT SUPPRESSION DIODES
8: 12 VDC LATCHING
R
: POSITIVE + COMMON
9: 24 VDC LATCHING
TD
: DECODERS AND TTL DRIVERS WITH
DIODES
**SEE PART NUMBER ON PAGE 10
M
: MOISTURE SEAL
S
: D-SUB CONNECTOR*
PERFORMANCE CHARACTERISTICS
Frequency
DC–2.3 GHz
2.3-3.0 GHz
3.0-6.0 GHz
6.0-8.0 GHz
8.0-10.0 GHz
Insertion Loss, dB,
max.
0.2
0.25
0.30
0.40
0.6
Isolation, dB, min.
80
70
65
60
60
VSWR , max.
1.15:1
1.20:1
1.30:1
1.40:1
1.60:1
* D-Sub Connector may be 15 or 26 pin depending on number of throws. (See
Connector Pinout page)
**1 D-Sub Connectors is standard configuration on all models unless
otherwise specified


Similar Part No. - CCT-39S759-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-39S750-D TELEDYNE-CCT-39S750-D Datasheet
867Kb / 13P
   Latching Coaxial Switch
CCT-39S750-M TELEDYNE-CCT-39S750-M Datasheet
867Kb / 13P
   Latching Coaxial Switch
CCT-39S750-R TELEDYNE-CCT-39S750-R Datasheet
867Kb / 13P
   Latching Coaxial Switch
CCT-39S750-S TELEDYNE-CCT-39S750-S Datasheet
867Kb / 13P
   Latching Coaxial Switch
CCT-39S750-T TELEDYNE-CCT-39S750-T Datasheet
867Kb / 13P
   Latching Coaxial Switch
More results

Similar Description - CCT-39S759-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
   Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
   Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
   Latching Coaxial Switch
CCT-59S TELEDYNE-CCT-59S Datasheet
876Kb / 13P
   Latching Coaxial Switch
CT-39S TELEDYNE-CT-39S Datasheet
867Kb / 13P
   Latching Coaxial Switch
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCRT-33S TELEDYNE-CCRT-33S Datasheet
575Kb / 8P
   Latching SPDT Coaxial Switch
CCP-33S TELEDYNE-CCP-33S Datasheet
382Kb / 6P
   Latching SPDT Coaxial Switch
CCP-47N TELEDYNE-CCP-47N Datasheet
390Kb / 6P
   Latching TRANSFER Coaxial Switch
CR-33M TELEDYNE-CR-33M Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com