Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR-53S9C-M Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCR-53S9C-M
Description  Latching SPDT Coaxial Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-53S9C-M Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCR-53S9C-M Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-53S9C-M Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-53S9C-M Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-53S9C-M Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-53S9C-M Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-53S9C-M Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-53S9C-M Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-53S9C-M Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-53S9C-M Datasheet HTML 9Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2015 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-53S/CR-53S Page 1
CCR-53S\CR-53S\092015\Q3
Series CCR-53S/CR-53S
Miniature DC–26.5 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
ELECTRICAL CHARACTERISTICS
Form Factor
SPDT,
break before make
Frequency Range
CCR-53S
CR-53S
DC–26.5 GHz
DC–26.5 GHz
Characteristic Impedance
50 Ohms
Operate Time
10 ms (max.)
Actuation Voltage Available
12 15 24 28 V
Actuation Current, max. @ ambient
140 170 90 65 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCR-53S
Elite Model, CR-53S
–40°C to 65°C
–55°C to 85°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
5,000,000 cycles
1,000,000 cycles
Connector Type
SMA
Humidity (Moisture Seal)
Available
Weight
1.65 oz. (46.78g) (max.)
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency
DC–4 GHz
4–8 GHz
8–12 GHz
12–16 GHz
16-20 GHz
20-26.5 GHz
Insertion Loss, dB,
typical.
0.2
0.2
0.2
0.3
0.4
0.4
Isolation, dB, typical.
90
90
80
70
65
65
VSWR , typical.
1.1:1
1.1:1
1.1:1
1.2:1
1.2:1
1.2:1
PART NUMBERING SYSTEM
Connector
S: SMA Female
Actuator Voltage
6: 28 Vdc Latching
7: 15 Vdc Latching
8: 12 Vdc Latching
9: 24 Vdc Latching
Actuator Type
0: Standard Contacts
C: Indicator Contacts
D: Self Cutoff Only
E: Indicators and Self Cutoff
**SEE PARTS LIST ON PAGES 8-9
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
R: Positive + Common
N: Narrow Body
M: Moisture Seal
S: 9 Pin D-Sub Connector
Actuator Voltage
CCR-53 S 6 C - T **
Series
Connectors
Actuator Type
Options
For other options, contact factory.
PART NUMBER DESCRIPTION
CCR-53S
Commercial Latching SPDT, DC-26.5GHz
CR-53S
Elite Latching SPDT, DC-26.5GHz
The CCR-53S/CR-53S is a broadband, SPDT, electromechanical, coaxial switch designed to switch
a microwave signal from a common input to either of two outputs. The characteristic impedance is 50
Ohms. The small switches incorporate SMA connectors.
The CCR-53S/CR-53S series switch is offered with a latching actuator. This design is compatible with
the two most common mounting hole patterns. The CCR-53S/CR-53S series switch is interchangeable
with a variety of switches.
For maximum limits, please see charts on page 3-5
Available with
USB & Ethernet
Control!
Click here
MMA SERIES


Similar Part No. - CCR-53S9C-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
522Kb / 5P
   Controlled with USB or Ethernet
CCR-58S130-D TELEDYNE-CCR-58S130-D Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCR-58S130-M TELEDYNE-CCR-58S130-M Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCR-58S130-S TELEDYNE-CCR-58S130-S Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
More results

Similar Description - CCR-53S9C-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCRT-33S TELEDYNE-CCRT-33S Datasheet
575Kb / 8P
   Latching SPDT Coaxial Switch
CCP-33S TELEDYNE-CCP-33S Datasheet
382Kb / 6P
   Latching SPDT Coaxial Switch
CR-33M TELEDYNE-CR-33M Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
CR-33K TELEDYNE-CR-33K Datasheet
576Kb / 8P
   Latching SPDT Coaxial Switch
CRT-40 TELEDYNE-CRT-40 Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
   Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
   Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
   Latching Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
   Latching Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com