Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS-47NX0-DM Datasheet(PDF) 8 Page - Teledyne Technologies Incorporated

Part # CS-47NX0-DM
Description  Failsafe TRANSFER Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CS-47NX0-DM Datasheet(HTML) 8 Page - Teledyne Technologies Incorporated

  CS-47NX0-DM Datasheet HTML 1Page - Teledyne Technologies Incorporated CS-47NX0-DM Datasheet HTML 2Page - Teledyne Technologies Incorporated CS-47NX0-DM Datasheet HTML 3Page - Teledyne Technologies Incorporated CS-47NX0-DM Datasheet HTML 4Page - Teledyne Technologies Incorporated CS-47NX0-DM Datasheet HTML 5Page - Teledyne Technologies Incorporated CS-47NX0-DM Datasheet HTML 6Page - Teledyne Technologies Incorporated CS-47NX0-DM Datasheet HTML 7Page - Teledyne Technologies Incorporated CS-47NX0-DM Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CCS-47/CS-47 Page 8
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCS-47\CS-47\082013\Q3
Series CCS-47/CS-47
High Power DC–12 GHz
Failsafe TRANSFER Coaxial Switch
COAX SWITCHES
FAILSAFE CCS-47N/CS-47N • CCS-47T/CS-47T PART NUMBER LIST
* X = 1 (28Vdc), 2 (15Vdc), 3 (12Vdc) and 4 (24Vdc)
PART NO.PART NO.PART NO.
1
CCS-47NXC
43
CS-47NX0-MS
85
CS-47TX0
2
CCS-47NXC-D
44
CS-47NX0-S
86
CS-47TX0-D
3
CCS-47NXC-DM
45
CS-47NX0-T
87
CS-47TX0-DM
4
CCS-47NXC-DMS
46
CS-47NX0-TM
88
CS-47TX0-DMS
5
CCS-47NXC-DS
47
CS-47NX0-TMS
89
CS-47TX0-DS
6
CCS-47NXC-M
48
CS-47NX0-TS
90
CS-47TX0-M
7
CCS-47NXC-MS
49
CCS-47TXC
91
CS-47TX0-MS
8
CCS-47NXC-S
50
CCS-47TXC-D
92
CS-47TX0-S
9
CCS-47NXC-T
51
CCS-47TXC-DM
93
CS-47TX0-T
10
CCS-47NXC-TM
52
CCS-47TXC-DMS
94
CS-47TX0-TM
11
CCS-47NXC-TMS
53
CCS-47TXC-DS
95
CS-47TX0-TMS
12
CCS-47NXC-TS
54
CCS-47TXC-M
96
CS-47TX0-TS
13
CCS-47NX0
55
CCS-47TXC-MS
14
CCS-47NX0-D
56
CCS-47TXC-S
15
CCS-47NX0-DM
57
CCS-47TXC-T
16
CCS-47NX0-DMS
58
CCS-47TXC-TM
17
CCS-47NX0-DS
59
CCS-47TXC-TMS
18
CCS-47NX0-M
60
CCS-47TXC-TS
19
CCS-47NX0-MS
61
CCS-47TX0
20
CCS-47NX0-S
62
CCS-47TX0-D
21
CCS-47NX0-T
63
CCS-47TX0-DM
22
CCS-47NX0-TM
64
CCS-47TX0-DMS
23
CCS-47NX0-TMS
65
CCS-47TX0-DS
24
CCS-47NX0-TS
66
CCS-47TX0-M
25
CS-47NXC
67
CCS-47TX0-MS
26
CS-47NXC-D
68
CCS-47TX0-S
27
CS-47NXC-DM
69
CCS-47TX0-T
28
CS-47NXC-DMS
70
CCS-47TX0-TM
29
CS-47NXC-DS
71
CCS-47TX0-TMS
30
CS-47NXC-M
72
CCS-47TX0-TS
31
CS-47NXC-MS
73
CS-47TXC
32
CS-47NXC-S
74
CS-47TXC-D
33
CS-47NXC-T
75
CS-47TXC-DM
34
CS-47NXC-TM
76
CS-47TXC-DMS
35
CS-47NXC-TMS
77
CS-47TXC-DS
36
CS-47NXC-TS
78
CS-47TXC-M
37
CS-47NX0
79
CS-47TXC-MS
38
CS-47NX0-D
80
CS-47TXC-S
39
CS-47NX0-DM
81
CS-47TXC-T
40
CS-47NX0-DMS
82
CS-47TXC-TM
41
CS-47NX0-DS
83
CS-47TXC-TMS
42
CS-47NX0-M
84
CS-47TXC-TS


Similar Part No. - CS-47NX0-DM

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CS-470-K PREMO-CS-470-K Datasheet
192Kb / 1P
   Coils and Chokes for general use
CS-471-K PREMO-CS-471-K Datasheet
192Kb / 1P
   Coils and Chokes for general use
CS-472-K PREMO-CS-472-K Datasheet
192Kb / 1P
   Coils and Chokes for general use
More results

Similar Description - CS-47NX0-DM

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
logo
Pasternack Enterprises,...
PE7153 PASTERNACK-PE7153_15 Datasheet
475Kb / 6P
   Transfer Electromechanical Relay Failsafe Switch
PE7150 PASTERNACK-PE7150_15 Datasheet
452Kb / 6P
   Transfer Electromechanical Relay Failsafe Switch
PE7150 PASTERNACK-PE7150 Datasheet
88Kb / 1P
   SMA TRANSFER RELAY SWITCH FAILSAFE
logo
JFW Industries, Inc.
50S-1361XX JFW-50S-1361XX Datasheet
30Kb / 2P
   FAILSAFE TRANSFER ELECTROMECHANICAL RF SWITCH
logo
Teledyne Technologies I...
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com