Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR-33MXC-D Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # CCR-33MXC-D
Description  Latching SPDT Coaxial Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-33MXC-D Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  CCR-33MXC-D Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-33MXC-D Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-33MXC-D Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-33MXC-D Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-33MXC-D Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-33MXC-D Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-33MXC-D Datasheet HTML 7Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CCR-33M/CR-33M Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCR-33M\CR-33M\082013\Q3
Series CCR-33M/CR-33M
Miniature DC–3 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
SCHEMATICS AND MECHANICAL OUTLINE
9 PIN D-SUB PINOUT FOR LATCHING SPDT
OPTIONS
Pin
No.
Basic
Indicators
TTL
Indicators &
TTL
11
1
22
2
3
C
C
Common
Common
41
1
52
2
6Vsw
Vsw
7A
A
8B
B
9C
C
1
6
“-S OPTION9-PIN D-SUB CONNECTOR (EXAMPLE: CCR-33M60-S)
TRUTH TABLE (with TTL option)
Logic Input
RF Path
Indicator
(if applicable)
12
IN
to 1
IN
to 2
AB
00
No Change
10
On
Off
C
0
01
Off
On
0
C
11
Forbidden
Analog
TTL
Indicators
Standard
Width Body
H= 1.30 MAX. STD MODEL
H= 1.80 MAX. TTL MODEL
Optional Narrow
Width Body
H= 1.30 MAX. STD MODEL
H= 1.80 MAX. TTL MODEL


Similar Part No. - CCR-33MXC-D

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-33MXC-D TELEDYNE-CCR-33MXC-D Datasheet
486Kb / 7P
   CCR-33SXC
CCR-33MXC-DM TELEDYNE-CCR-33MXC-DM Datasheet
486Kb / 7P
   CCR-33SXC
CCR-33MXC-DMS TELEDYNE-CCR-33MXC-DMS Datasheet
486Kb / 7P
   CCR-33SXC
CCR-33MXC-DN TELEDYNE-CCR-33MXC-DN Datasheet
486Kb / 7P
   CCR-33SXC
CCR-33MXC-DNM TELEDYNE-CCR-33MXC-DNM Datasheet
486Kb / 7P
   CCR-33SXC
More results

Similar Description - CCR-33MXC-D

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCRT-33S TELEDYNE-CCRT-33S Datasheet
575Kb / 8P
   Latching SPDT Coaxial Switch
CCP-33S TELEDYNE-CCP-33S Datasheet
382Kb / 6P
   Latching SPDT Coaxial Switch
CR-33K TELEDYNE-CR-33K Datasheet
576Kb / 8P
   Latching SPDT Coaxial Switch
CCR-53S TELEDYNE-CCR-53S Datasheet
631Kb / 9P
   Latching SPDT Coaxial Switch
CRT-40 TELEDYNE-CRT-40 Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
   Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
   Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
   Latching Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
   Latching Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com