Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR-53S80-T Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # CCR-53S80-T
Description  Latching SPDT Coaxial Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-53S80-T Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  CCR-53S80-T Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-53S80-T Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-53S80-T Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-53S80-T Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-53S80-T Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-53S80-T Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-53S80-T Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-53S80-T Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-53S80-T Datasheet HTML 9Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CCR-53S/CR-53S Page 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2015 TELEDYNE COAX SWITCHES
CCR-53S\CR-53S\092015\Q3
Series CCR-53S/CR-53S
Miniature DC–26.5 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
TYPICAL NARROWBAND RF ISOLATION PERFORMANCE CURVES
tYpical
maximum test limit
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency ( GHz )
Isolation ( DC-4 GHz )
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
4
4.5
5
5.5
6
6.5
7
7.5
8
Frequency ( GHz )
Isolation ( 4-8 GHz )
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
8
8.5
9
9.5
10
10.5
11
11.5
12
Frequency ( GHz )
Isolation ( 8-12 GHz )
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
20
21
22
23
24
25
26
Frequency ( GHz )
Isolation ( 20-26.5 GHz )
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
12
12.5
13
13.5
14
14.5
15
15.5
16
Frequency ( GHz )
Isolation ( 12-16 GHz )
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
16
16.5
17
17.5
18
18.5
19
19.5
20
Frequency ( GHz )
Isolation ( 16-20 GHz )


Similar Part No. - CCR-53S80-T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
522Kb / 5P
   Controlled with USB or Ethernet
CCR-58S130-D TELEDYNE-CCR-58S130-D Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCR-58S130-M TELEDYNE-CCR-58S130-M Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCR-58S130-S TELEDYNE-CCR-58S130-S Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
More results

Similar Description - CCR-53S80-T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCRT-33S TELEDYNE-CCRT-33S Datasheet
575Kb / 8P
   Latching SPDT Coaxial Switch
CCP-33S TELEDYNE-CCP-33S Datasheet
382Kb / 6P
   Latching SPDT Coaxial Switch
CR-33M TELEDYNE-CR-33M Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
CR-33K TELEDYNE-CR-33K Datasheet
576Kb / 8P
   Latching SPDT Coaxial Switch
CRT-40 TELEDYNE-CRT-40 Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
   Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
   Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
   Latching Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
   Latching Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com