Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR-33K8D-M Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # CCR-33K8D-M
Description  Latching SPDT Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-33K8D-M Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  CCR-33K8D-M Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-33K8D-M Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-33K8D-M Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-33K8D-M Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-33K8D-M Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-33K8D-M Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-33K8D-M Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-33K8D-M Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CCR-33K/CR-33K Page 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCR-33K\CR-33K\082013\Q3
Series CCR-33K/CR-33K
Miniature DC–33.5 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
TYPICAL NARROWBAND RF ISOLATION PERFORMANCE CURVES
-140
-120
-100
-80
-60
-40
-20
0
0123456
Frequency (GHz)
Isolation ( DC-6 GHz )
-140
-120
-100
-80
-60
-40
-20
0
6789
10
11
12
Frequency (GHz)
Isolation ( 6-12 GHz )
-140
-120
-100
-80
-60
-40
-20
0
12
13
14
15
16
17
18
Frequency (GHz)
Isolation ( 12-18 GHz )
-140
-120
-100
-80
-60
-40
-20
0
18
18.5
19
19.5
20
20.5
21
21.5
22
Frequency (GHz)
Isolation ( 18-22 GHz )
-140
-120
-100
-80
-60
-40
-20
0
22
22.5
23
23.5
24
24.5
25
25.5
26
26.5
Frequency (GHz)
Isolation ( 22-26.5 GHz )
-140
-120
-100
-80
-60
-40
-20
0
26.5
27
27.5
28
28.5
29
29.5
30
Frequency (GHz)
Isolation ( 26.5-30 GHz )
-140
-120
-100
-80
-60
-40
-20
0
30
30.5
31
31.5
32
32.5
33
33.5
Frequency (GHz)
Isolation ( 30-33.5 GHz )
RF NOTES


Similar Part No. - CCR-33K8D-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCR-33KX0 TELEDYNE-CCR-33KX0 Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCR-33KX0-D TELEDYNE-CCR-33KX0-D Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCR-33KX0-DM TELEDYNE-CCR-33KX0-DM Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCR-33KX0-DMS TELEDYNE-CCR-33KX0-DMS Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
More results

Similar Description - CCR-33K8D-M

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCRT-33S TELEDYNE-CCRT-33S Datasheet
575Kb / 8P
   Latching SPDT Coaxial Switch
CCP-33S TELEDYNE-CCP-33S Datasheet
382Kb / 6P
   Latching SPDT Coaxial Switch
CR-33M TELEDYNE-CR-33M Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
CCR-53S TELEDYNE-CCR-53S Datasheet
631Kb / 9P
   Latching SPDT Coaxial Switch
CRT-40 TELEDYNE-CRT-40 Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
   Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
   Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
   Latching Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
   Latching Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com