Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRTBGVSG Datasheet(PDF) 18 Page - OSRAM GmbH

Part # LRTBGVSG
Description  Ambient light
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBGVSG Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button LRTBGVSG Datasheet HTML 14Page - OSRAM GmbH LRTBGVSG Datasheet HTML 15Page - OSRAM GmbH LRTBGVSG Datasheet HTML 16Page - OSRAM GmbH LRTBGVSG Datasheet HTML 17Page - OSRAM GmbH LRTBGVSG Datasheet HTML 18Page - OSRAM GmbH LRTBGVSG Datasheet HTML 19Page - OSRAM GmbH LRTBGVSG Datasheet HTML 20Page - OSRAM GmbH LRTBGVSG Datasheet HTML 21Page - OSRAM GmbH LRTBGVSG Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
LRTB GVSG
2017-06-15
18
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T); 1 chip on; red
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T); 1 chip on; blue
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T); 1 chip on; true green
LRTB GVSG.R
0
20
406080
100
T [°C]
0
5
10
15
20
25
30
35
40
45
IF [mA]
: Ts
LRTB GVSG.B
0
20
406080
100
T [°C]
0
5
10
15
20
25
30
35
40
45
50
55
IF [mA]
: Ts
LRTB GVSG.T
0
20
406080
100
T [°C]
0
5
10
15
20
25
30
35
40
45
50
55
IF [mA]
: Ts


Similar Part No. - LRTBGVSG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTBGVSR OSRAM-LRTBGVSR Datasheet
3Mb / 33P
   The OSIRE E3635 is especially designed for automotive applications and RGB displays.
Version 1.4 2023-09-11
More results

Similar Description - LRTBGVSG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMT6000 VISHAY-TEMT6000 Datasheet
116Kb / 5P
   Ambient Light Sensor
Rev. 1.2, 08-Jul-04
logo
Renesas Technology Corp
PH5553A2NA1 RENESAS-PH5553A2NA1_15 Datasheet
400Kb / 14P
   Ambient Light Sensor
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_15 Datasheet
109Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. 3
logo
Everlight Electronics C...
ALS-PDIC17-77C-TR8 EVERLIGHT-ALS-PDIC17-77C-TR8 Datasheet
370Kb / 12P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMT6000X01 VISHAY-TEMT6000X01_09 Datasheet
150Kb / 6P
   Ambient Light Sensor
Rev. 1.8, 26-Mar-09
TEPT5600 VISHAY-TEPT5600_10 Datasheet
107Kb / 5P
   Ambient Light Sensor
Rev. 1.7, 18-Jun-10
logo
Everlight Electronics C...
ALS-PDIC17-55C-TR8 EVERLIGHT-ALS-PDIC17-55C-TR8_09 Datasheet
429Kb / 14P
   Ambient Light Sensor
ALS-PDIC17-77B-TR8 EVERLIGHT-ALS-PDIC17-77B-TR8_15 Datasheet
404Kb / 13P
   Ambient Light Sensor
ALS-PDIC17-77C-TR8 EVERLIGHT-ALS-PDIC17-77C-TR8_15 Datasheet
404Kb / 12P
   Ambient Light Sensor
ALS-PDIC144-6C-L378 EVERLIGHT-ALS-PDIC144-6C-L378_15 Datasheet
640Kb / 7P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com