Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR-33K8C-N Datasheet(PDF) 8 Page - Teledyne Technologies Incorporated

Part # CCR-33K8C-N
Description  Latching SPDT Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-33K8C-N Datasheet(HTML) 8 Page - Teledyne Technologies Incorporated

  CCR-33K8C-N Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-33K8C-N Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-33K8C-N Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-33K8C-N Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-33K8C-N Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-33K8C-N Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-33K8C-N Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-33K8C-N Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CCR-33K/CR-33K Page 8
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCR-33K\CR-33K\082013\Q3
Series CCR-33K/CR-33K
Miniature DC–33.5 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
LATCHING CCR-33K/CR-33K PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.
169
CR-33KXC-TN
211
CR-33KXE-RNMS
170
CR-33KXC-TNM
212
CR-33KXE-RNS
171
CR-33KXC-TNMS
213
CR-33KXE-RS
172
CR-33KXC-TNS
214
CR-33KXE-S
173
CR-33KXC-TS
215
CR-33KXE-T
174
CR-33KXD
216
CR-33KXE-TM
175
CR-33KXD-M
217
CR-33KXE-TMS
176
CR-33KXD-MS
218
CR-33KXE-TN
177
CR-33KXD-N
219
CR-33KXE-TNM
178
CR-33KXD-N
220
CR-33KXE-TNMS
179
CR-33KXD-NM
221
CR-33KXE-TNS
180
CR-33KXD-NMS
222
CR-33KX0
181
CR-33KXD-NS
223
CR-33KX0-D
182
CR-33KXD-R
224
CR-33KX0-DM
183
CR-33KXD-RM
225
CR-33KX0-DMS
184
CR-33KXD-RMS
226
CR-33KX0-DN
185
CR-33KXD-RN
227
CR-33KX0-DNM
186
CR-33KXD-RNM
228
CR-33KX0-DNMS
187
CR-33KXD-RNMS
229
CR-33KX0-DNS
188
CR-33KXD-RNS
230
CR-33KX0-DR
189
CR-33KXD-RS
231
CR-33KX0-DRM
190
CR-33KXD-S
232
CR-33KX0-DRMS
191
CR-33KXD-T
233
CR-33KX0-DRN
192
CR-33KXD-TM
234
CR-33KX0-DRNMS
193
CR-33KXD-TMS
235
CR-33KX0-DRNS
194
CR-33KXD-TN
236
CR-33KX0-DRS
195
CR-33KXD-TNM
237
CR-33KX0-DS
196
CR-33KXD-TNMS
238
CR-33KX0-M
197
CR-33KXD-TNS
239
CR-33KX0-MS
198
CR-33KXE
240
CR-33KX0-N
199
CR-33KXE-M
241
CR-33KX0-NM
200
CR-33KXE-MS
242
CR-33KX0-NMS
201
CR-33KXE-N
243
CR-33KX0-NS
202
CR-33KXE-N
244
CR-33KX0-R
203
CR-33KXE-NM
245
CR-33KX0-RM
204
CR-33KXE-NMS
246
CR-33KX0-RMS
205
CR-33KXE-NS
247
CR-33KX0-RN
206
CR-33KXE-R
248
CR-33KX0-RNM
207
CR-33KXE-RM
249
CR-33KX0-RNMS
208
CR-33KXE-RMS
250
CR-33KX0-RNS
209
CR-33KXE-RN
251
CR-33KX0-RS
210
CR-33KXE-RNM
252
CR-33KX0-S


Similar Part No. - CCR-33K8C-N

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCR-33KX0 TELEDYNE-CCR-33KX0 Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCR-33KX0-D TELEDYNE-CCR-33KX0-D Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCR-33KX0-DM TELEDYNE-CCR-33KX0-DM Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
CCR-33KX0-DMS TELEDYNE-CCR-33KX0-DMS Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
More results

Similar Description - CCR-33K8C-N

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
   Latching SPDT Coaxial Switch
CCRT-33S TELEDYNE-CCRT-33S Datasheet
575Kb / 8P
   Latching SPDT Coaxial Switch
CCP-33S TELEDYNE-CCP-33S Datasheet
382Kb / 6P
   Latching SPDT Coaxial Switch
CR-33M TELEDYNE-CR-33M Datasheet
495Kb / 7P
   Latching SPDT Coaxial Switch
CCR-53S TELEDYNE-CCR-53S Datasheet
631Kb / 9P
   Latching SPDT Coaxial Switch
CRT-40 TELEDYNE-CRT-40 Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
   Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
   Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
   Latching Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
   Latching Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com