Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCT-38S300-S Datasheet(PDF) 10 Page - Teledyne Technologies Incorporated

Part # CCT-38S300-S
Description  Normally Open Coaxial Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-38S300-S Datasheet(HTML) 10 Page - Teledyne Technologies Incorporated

Back Button CCT-38S300-S Datasheet HTML 2Page - Teledyne Technologies Incorporated CCT-38S300-S Datasheet HTML 3Page - Teledyne Technologies Incorporated CCT-38S300-S Datasheet HTML 4Page - Teledyne Technologies Incorporated CCT-38S300-S Datasheet HTML 5Page - Teledyne Technologies Incorporated CCT-38S300-S Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-38S300-S Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-38S300-S Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-38S300-S Datasheet HTML 9Page - Teledyne Technologies Incorporated CCT-38S300-S Datasheet HTML 10Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CCT-38S Page 10
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCT-38S\072013\Q3
Series CCT-38S
Multi-Throw DC–12 GHz, SP9T & SP10T
Normally Open Coaxial Switch
COAX SWITCHES
NORMALLY OPEN CCT-38S PART NUMBER LIST
* X = 1 (28Vdc), 2 (15Vdc), 3 (12Vdc) and 4 (24Vdc)
PART NO.PART NO.PART NO.
1
CCT-38SX9C
43
CCT-38SX90
85
CCT-38SX0C
2
CCT-38SX9C-D
44
CCT-38SX90-D
86
CCT-38SX0C-D
3
CCT-38SX9C-DM
45
CCT-38SX90-DM
87
CCT-38SX0C-DM
4
CCT-38SX9C-M
46
CCT-38SX90-M
88
CCT-38SX0C-M
5
CCT-38SX9C-MS
47
CCT-38SX90-MS
89
CCT-38SX0C-MS
6
CCT-38SX9C-S
48
CCT-38SX90-S
90
CCT-38SX0C-S
7
CCT-38SX9C-T
49
CCT-38SX90-T
91
CCT-38SX0C-T
8
CCT-38SX9C-TD
50
CCT-38SX90-TD
92
CCT-38SX0C-TD
9
CCT-38SX9C-TDM
51
CCT-38SX90-TDM
93
CCT-38SX0C-TDM
10
CCT-38SX9C-TDMS
52
CCT-38SX90-TDMS
94
CCT-38SX0C-TDMS
11
CCT-38SX9C-TDS
53
CCT-38SX90-TDS
95
CCT-38SX0C-TDS
12
CCT-38SX9C-TM
54
CCT-38SX90-TM
96
CCT-38SX0C-TM
13
CCT-38SX9C-TMS
55
CCT-38SX90-TMS
97
CCT-38SX0C-TMS
14
CCT-38SX9C-TS
56
CCT-38SX90-TS
98
CCT-38SX0C-TS
15
CCT-38SX90
57
CCT-38SX0C
99
CCT-38SX00
16
CCT-38SX90-D
58
CCT-38SX0C-D
100
CCT-38SX00-D
17
CCT-38SX90-DM
59
CCT-38SX0C-DM
101
CCT-38SX00-DM
18
CCT-38SX90-M
60
CCT-38SX0C-M
102
CCT-38SX00-M
19
CCT-38SX90-MS
61
CCT-38SX0C-MS
103
CCT-38SX00-MS
20
CCT-38SX90-S
62
CCT-38SX0C-S
104
CCT-38SX00-S
21
CCT-38SX90-T
63
CCT-38SX0C-T
105
CCT-38SX00-T
22
CCT-38SX90-TD
64
CCT-38SX0C-TD
106
CCT-38SX00-TD
23
CCT-38SX90-TDM
65
CCT-38SX0C-TDM
107
CCT-38SX00-TDM
24
CCT-38SX90-TDMS
66
CCT-38SX0C-TDMS
108
CCT-38SX00-TDMS
25
CCT-38SX90-TDS
67
CCT-38SX0C-TDS
109
CCT-38SX00-TDS
26
CCT-38SX90-TM
68
CCT-38SX0C-TM
110
CCT-38SX00-TM
27
CCT-38SX90-TMS
69
CCT-38SX0C-TMS
111
CCT-38SX00-TMS
28
CCT-38SX90-TS
70
CCT-38SX0C-TS
112
CCT-38SX00-TS
29
CCT-38SX9C
71
CCT-38SX00
30
CCT-38SX9C-D
72
CCT-38SX00-D
31
CCT-38SX9C-DM
73
CCT-38SX00-DM
32
CCT-38SX9C-M
74
CCT-38SX00-M
33
CCT-38SX9C-MS
75
CCT-38SX00-MS
34
CCT-38SX9C-S
76
CCT-38SX00-S
35
CCT-38SX9C-T
77
CCT-38SX00-T
36
CCT-38SX9C-TD
78
CCT-38SX00-TD
37
CCT-38SX9C-TDM
79
CCT-38SX00-TDM
38
CCT-38SX9C-TDMS
80
CCT-38SX00-TDMS
39
CCT-38SX9C-TDS
81
CCT-38SX00-TDS
40
CCT-38SX9C-TM
82
CCT-38SX00-TM
41
CCT-38SX9C-TMS
83
CCT-38SX00-TMS
42
CCT-38SX9C-TS
84
CCT-38SX00-TS


Similar Part No. - CCT-38S300-S

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-38S TELEDYNE-CCT-38S Datasheet
522Kb / 5P
   Controlled with USB or Ethernet
CCT-38S TELEDYNE-CCT-38S Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
CCT-38SX30 TELEDYNE-CCT-38SX30 Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
CCT-38SX30-D TELEDYNE-CCT-38SX30-D Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
CCT-38SX30-DM TELEDYNE-CCT-38SX30-DM Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
More results

Similar Description - CCT-38S300-S

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
   Normally Open Coaxial Switch
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCS-18 TELEDYNE-CCS-18 Datasheet
1,017Kb / 16P
   Normally Open Coaxial Switch
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CT-38S TELEDYNE-CT-38S Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
CR-38S TELEDYNE-CR-38S Datasheet
817Kb / 13P
   Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
   Normally Open Switch
logo
Teledyne Technologies I...
CCR-38U TELEDYNE-CCR-38U Datasheet
937Kb / 7P
   DC–52 GHz, Unterminated Normally Open SPnT Coaxial Switch
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com