Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS048D Datasheet(PDF) 8 Page - Texas Instruments

Part # SN65LVDS048D
Description  LVDS QUAD DIFFERENTIAL LINE RECEIVER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS048D Datasheet(HTML) 8 Page - Texas Instruments

  SN65LVDS048D Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 1 page
background image
SN65LVDS048
LVDS QUAD DIFFERENTIAL LINE RECEIVER
SLLS415A – JUNE 2000 – REVISED SEPTEMBER 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
0
1
2
3
4
0
500
1000
1500
2000
2500
3000
DIFFERENTIAL PROPAGATION DELAY
vs
DIFFERENTIAL INPUT VOLTAGE
tPLH
tPHL
Differential Input Voltage – mV
TA = 25°C,
f = 20 MHz,
VCM = 1.2 V,
CI = 15 pF,
VCC = 3.3 V
Figure 10
0
1
2
3
4
–0.5
0
0.5
1
1.5
2
2.5
TA = 25°C,
f = 20 MHz,
VCM = 1.2 V,
CI = 15 pF,
VCC = 3.3 V
tPLH
tPHL
DIFFERENTIAL PROPAGATION DELAY
vs
COMMON-MODE VOLTAGE
Common-Mode Voltage – V


Similar Part No. - SN65LVDS048D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048A TI-SN65LVDS048A Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048AD TI-SN65LVDS048AD Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048AD TI-SN65LVDS048AD Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048ADG4 TI-SN65LVDS048ADG4 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN65LVDS048D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048A TI-SN65LVDS048A Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B_03 Datasheet
193Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com