Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-210YT Datasheet(PDF) 2 Page - Rohm

Part # SML-210YT
Description  Small, chip LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-210YT Datasheet(HTML) 2 Page - Rohm

  SML-210YT Datasheet HTML 1Page - Rohm SML-210YT Datasheet HTML 2Page - Rohm SML-210YT Datasheet HTML 3Page - Rohm SML-210YT Datasheet HTML 4Page - Rohm SML-210YT Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SML-210 Series
LED lamps
!
!
!
!Electrical and optical characteristics
(Ta=25
°C)
Parameter
Forward voltage
Reverse
current
Type
SML-210
JT
LT
VT
DT
YT
MT
FT
PT
Red
Red
Red
Orange
Yellow
Green
Green
Green
1.9
Typ.
Color
1.75
2.0
2.0
2.1
2.2
2.2
2.2
2.5
Max.
20
IF
(mA)
Max.
IR
(
µA)
VR
(V)
Cond.
Peak
wavelength
Typ.
λP(nm)
IF
(mA)
Cond.
Spectral line
half width
Typ.
∆λ(nm)
IF
(mA)
Cond.
Cond.
VF
(V)
Luminous intensity
Min.
Typ.
IF
(mA)
Cond.
Iv(mcd)
100
4
14.0
3.6
1.4
2.2
2.2
3.6
1.4
1.4
40.0
20
660
20
25
25
40
40
40
40
40
40
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
660
650
610
585
570
560
555
20
20
20
20
20
20
20
10.0
4.0
6.3
6.3
16.0
6.3
4.0
4
4
4
4
4
4
4
100
100
100
100
100
100
100
20
20
20
20
20
20
20
2.5
2.8
2.8
2.8
2.8
2.8
2.8
!
!
!
!Directional pattern
ANGLE (
°)
RELATIVE LUMINOUS INTENSITY (%)
0
50
100
50
100
0
10
10
20
20
30
40
50
60
70
80
90
30
40
50
60
70
80
90
ANGLE (
°)
RELATIVE LUMINOUS INTENSITY (%)
0
50
100
50
100
0
10
10
20
20
30
40
50
60
70
80
90
30
40
50
60
70
80
90
(X - Y)
(X' - Y')
Fig.1 Directional pattern
!
!
!
!Electrical characteristics curves 1
(SML-210LT, SML-210JT) (Bright red)
FORWARD VOLTAGE : VF
(V)
Fig. 2 Forward current vs.
forward voltage
20
10
5.0
2.0
1.0
0.5
0.2
0.1
1.5
2.0
2.5
3.0
50
Ta=25˚C
SML-210LT
SML-210JT
1.4
1.2
1.0
0.8
0.6
0.4
40
-20
20
0
60
80
1.6
IF = 20mA
SML-210LT
SML-210JT
CASE TEMPERATURE : TC (˚C)
Fig. 3 Luminous intensity vs.
case temperature
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.5
1
2
510
20
50
100
5
FORWARD CURRENT : IF
(
mA)
Fig. 4 Luminous intensity vs.
forward current
Ta=25
°C
SML-210JT
SML-210LT


Similar Part No. - SML-210YT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210YT ROHM-SML-210YT Datasheet
653Kb / 3P
   Standard Type Mini-molded chip LEDs
logo
List of Unclassifed Man...
SML-210YT ETC1-SML-210YT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-210YT ROHM-SML-210YT Datasheet
881Kb / 3P
   Mini-molded chip LEDs
SML-210YT ROHM-SML-210YT Datasheet
136Kb / 3P
   SML-21 Series
SML-210YT ROHM-SML-210YT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
More results

Similar Description - SML-210YT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210YTT86 ROHM-SML-210YTT86 Datasheet
103Kb / 5P
   Small, chip LEDs
SML-210LTT86 ROHM-SML-210LTT86 Datasheet
103Kb / 5P
   Small, chip LEDs
SML-210FTT86 ROHM-SML-210FTT86 Datasheet
103Kb / 5P
   Small, chip LEDs
SML311EBT ROHM-SML311EBT Datasheet
97Kb / 3P
   Small,chip LEDs (Blue.Green)
SML-521 ROHM-SML-521 Datasheet
70Kb / 4P
   Two-color chip LEDs, super small type
logo
List of Unclassifed Man...
CL-165HRYG-D ETC1-CL-165HRYG-D Datasheet
355Kb / 8P
   ULTRA - SMALL CHIP - LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
CL-150 ETC-CL-150 Datasheet
349Kb / 8P
   ULTRA SMALL CHIP LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
logo
Everlight Electronics C...
17-21UYC EVERLIGHT-17-21UYC Datasheet
152Kb / 10P
   Chip LEDs
23-21SYGC EVERLIGHT-23-21SYGC Datasheet
153Kb / 9P
   Chip LEDs
23-21UYC EVERLIGHT-23-21UYC Datasheet
154Kb / 9P
   Chip LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com