Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCT-38S490-T Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # CCT-38S490-T
Description  Normally Open Coaxial Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-38S490-T Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  CCT-38S490-T Datasheet HTML 1Page - Teledyne Technologies Incorporated CCT-38S490-T Datasheet HTML 2Page - Teledyne Technologies Incorporated CCT-38S490-T Datasheet HTML 3Page - Teledyne Technologies Incorporated CCT-38S490-T Datasheet HTML 4Page - Teledyne Technologies Incorporated CCT-38S490-T Datasheet HTML 5Page - Teledyne Technologies Incorporated CCT-38S490-T Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-38S490-T Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-38S490-T Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-38S490-T Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCT-38S Page 3
CCT-38S\072013\Q3
Series CCT-38S
Multi-Throw DC–12 GHz, SP9T & SP10T
Normally Open Coaxial Switch
COAX SWITCHES
CONNECTOR PINOUT FOR NORMALLY OPEN SP9T MULTI-THROW SWITCHES
EXAMPLE
CCT-38S190-S
CCT-38S19C-S
CCT-38S190-TS
CCT-38S19C-TS
CCT-38S190-TDS
CCT-38S19C-TDS
INDICATOR
YES
YES
YES
TTL
YES
YES
DECODERS & TTL
YES
YES
PIN NO.
15-PIN
26-PIN
15-PIN
26-PIN
15-PIN
26-PIN
1
PORT 1
PORT 1
TTL 1
TTL 1
LOGIC 1
LOGIC 1
2
PORT 2
PORT 2
TTL 2
TTL 2
LOGIC 2
LOGIC 2
3
PORT 3
PORT 3
TTL 3
TTL 3
LOGIC 3
LOGIC 3
4
PORT 4
PORT 4
TTL 4
TTL 4
LOGIC 4
LOGIC 4
5
PORT 5
PORT 5
TTL 5
TTL 5
6
PORT 6
PORT 6
TTL 6
TTL 6
7
PORT 7
PORT 7
TTL 7
TTL 7
8
PORT 8
PORT 8
TTL 8
TTL 8
9
PORT 9
PORT 9
TTL 9
TTL 9
10
11
12
13
VSW
VSW
VSW
VSW
14
15
Common
Common
Common
Common
Common
Common
16
D Indicator (com)
D Indicator (com)
D Indicator (com)
17
E Indicator
E Indicator
E Indicator
18
F Indicator
F Indicator
F Indicator
19
G Indicator
G Indicator
G Indicator
20
H Indicator
H Indicator
H Indicator
21
K Indicator
K Indicator
K Indicator
22
L Indicator
L Indicator
L Indicator
23
M Indicator
M Indicator
M Indicator
24
N Indicator
N Indicator
N Indicator
25
P Indicator
P Indicator
P Indicator
26
26-PIN D-SUB CONNECTOR
15-PIN D-SUB CONNECTOR


Similar Part No. - CCT-38S490-T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-38S TELEDYNE-CCT-38S Datasheet
522Kb / 5P
   Controlled with USB or Ethernet
CCT-38S TELEDYNE-CCT-38S Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
CCT-38SX30 TELEDYNE-CCT-38SX30 Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
CCT-38SX30-D TELEDYNE-CCT-38SX30-D Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
CCT-38SX30-DM TELEDYNE-CCT-38SX30-DM Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
More results

Similar Description - CCT-38S490-T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
   Normally Open Coaxial Switch
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCS-18 TELEDYNE-CCS-18 Datasheet
1,017Kb / 16P
   Normally Open Coaxial Switch
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
CT-38S TELEDYNE-CT-38S Datasheet
926Kb / 14P
   Normally Open Coaxial Switch
CR-38S TELEDYNE-CR-38S Datasheet
817Kb / 13P
   Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
   Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
   Normally Open Switch
logo
Teledyne Technologies I...
CCR-38U TELEDYNE-CCR-38U Datasheet
937Kb / 7P
   DC–52 GHz, Unterminated Normally Open SPnT Coaxial Switch
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com