Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI7911DN Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SI7911DN
Description  Dual P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7911DN Datasheet(HTML) 4 Page - Vishay Siliconix

  SI7911DN Datasheet HTML 1Page - Vishay Siliconix SI7911DN Datasheet HTML 2Page - Vishay Siliconix SI7911DN Datasheet HTML 3Page - Vishay Siliconix SI7911DN Datasheet HTML 4Page - Vishay Siliconix SI7911DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si7911DN
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72340
S-31612—Rev. A, 11-Aug-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10-3
10-2
1
10
600
10-1
10-4
100
0
20
30
10
15
Single Pulse Power
Time (sec)
25
- 0.2
- 0.1
0.0
0.1
0.2
0.3
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 75_C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
100
600
0.1
0.001
1
10
Safe Operating Area, Junction-To-Ambient
VDS - Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
TA = 25_C
Single Pulse
0.1
ID(on)
Limited
rDS(on) Limited
0.01
5
IDM Limited
BVDSS Limited
P(t) = 10
P(t) = 1
P(t) = 0.1
dc
P(t) = 0.01
P(t) = 0.001
P(t) = 0.0001


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI4943DY Dual P-Channel 20-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI4913DY Dual P-Channel 20-V D-S MOSFET 1  2  3  Vishay Siliconix
SI7901EDN Dual P-Channel 20-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI8435DB Dual P-Channel 20-V D-S MOSFET 1  2  3  Vaishali Semiconductor
SI9933ADY Dual P-Channel 20-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI3909DV Dual P-Channel 20-V D-S MOSFET 1  2  3  Vishay Siliconix
SI9953DY Dual P-Channel 20-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI3911DV Dual P-Channel 20-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI6875DQ Dual P-Channel 20-V D-S MOSFET Common Drain 1  2  3  4  Vishay Siliconix
SI6981DQ Dual P-Channel 20-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn