Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI7911DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SI7911DN
Description  Dual P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7911DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7911DN Datasheet HTML 1Page - Vishay Siliconix SI7911DN Datasheet HTML 2Page - Vishay Siliconix SI7911DN Datasheet HTML 3Page - Vishay Siliconix SI7911DN Datasheet HTML 4Page - Vishay Siliconix SI7911DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si7911DN
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72340
S-31612—Rev. A, 11-Aug-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 mA
- 0.40
- 1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 16 V, VGS = 0 V
-1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = - 16 V, VGS = 0 V, TJ = 85_C
-5
mA
On-State Drain Currenta
ID(on)
VDS v -5 V, VGS = - 4.5 V
-20
A
VGS = - 4.5 V, ID = - 5.7 A
0.040
0.051
Drain-Source On-State Resistancea
rDS(on)
VGS = - 2.5 V, ID = - 5.0 A
0.054
0.067
W
DS(on)
VGS = - 1.8 V, ID = - 1.1 A
0.075
0.094
Forward Transconductancea
gfs
VDS = - 6 V, ID = - 5.7 A
14
S
Diode Forward Voltagea
VSD
IS = - 2.3 A, VGS = 0 V
- 0.8
- 1.2
V
Dynamicb
Total Gate Charge
Qg
9.5
15
Gate-Source Charge
Qgs
VDS = - 6 V, VGS = - 4.5 V, ID = - 5.7 A
1.6
nC
Gate-Drain Charge
Qgd
2.5
Gate Resistance
Rg
7.2
W
Turn-On Delay Time
td(on)
20
30
Rise Time
tr
VDD = - 10 V, RL = 10 W
35
55
Turn-Off Delay Time
td(off)
VDD = - 10 V, RL = 10 W
ID ^ - 1 A, VGEN = - 4.5 V, RG = 6 W
70
105
ns
Fall Time
tf
40
60
Source-Drain Reverse Recovery Time
trr
IF = - 2.1 A, di/dt = 100 A/ms
25
50
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
4
8
12
16
20
0
1234
5
VGS = 5 thru 2.5 V
TC = - 55_C
125
_C
2 V
25
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
1.5 V
1 V


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI4943DYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI4913DYDual P-Channel 20-V D-S MOSFET 1 2 3 Vishay Siliconix
SI7901EDNDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI8435DBDual P-Channel 20-V D-S MOSFET 1 2 3 Vaishali Semiconductor
SI9933ADYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI3909DVDual P-Channel 20-V D-S MOSFET 1 2 3 Vishay Siliconix
SI9953DYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI3911DVDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI6875DQDual P-Channel 20-V D-S MOSFET Common Drain 1 2 3 4 Vishay Siliconix
SI6981DQDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn