Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI7911DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SI7911DN
Description  Dual P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7911DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7911DN Datasheet HTML 1Page - Vishay Siliconix SI7911DN Datasheet HTML 2Page - Vishay Siliconix SI7911DN Datasheet HTML 3Page - Vishay Siliconix SI7911DN Datasheet HTML 4Page - Vishay Siliconix SI7911DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFETS: 1.8-V Rated
D New Low Thermal Resistance PowerPAKr
Package
APPLICATIONS
D Portable
-
PA Switch
-
Battery Switch
-
Load Switch
Si7911DN
Vishay Siliconix
New Product
Document Number: 72340
S-31612—Rev. A, 11-Aug-03
www.vishay.com
1
Dual P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.051 @ VGS = - 4.5 V
- 5.7
-20
0.067 @ VGS = - 2.5 V
- 5.0
0.094 @ VGS = - 1.8 V
- 4.2
1
2
3
4
5
6
7
8
S1
G1
S2
G2
D1
D1
D2
D2
3.30 mm
3.30 mm
Bottom View
PowerPAK 1212-8
S1
G1
D1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
Ordering Information: Si7911DN-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
- 5.7
- 4.2
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
- 4.1
- 3.0
A
Pulsed Drain Current
IDM
-20
A
continuous Source Current (Diode Conduction)a
IS
- 2.1
- 1.1
Maximum Power Dissipationa
TA = 25_C
PD
2.5
1.3
W
Maximum Power Dissipationa
TA = 85_C
PD
1.3
0.85
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi
ta
t
v 10 sec
R
40
50
Maximum Junction-to-Ambienta
Steady State
RthJA
75
94
_C/W
Maximum Junction-to-Case
Steady State
RthJC
5.6
7
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI4943DYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI4913DYDual P-Channel 20-V D-S MOSFET 1 2 3 Vishay Siliconix
SI7901EDNDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI8435DBDual P-Channel 20-V D-S MOSFET 1 2 3 Vaishali Semiconductor
SI9933ADYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI3909DVDual P-Channel 20-V D-S MOSFET 1 2 3 Vishay Siliconix
SI9953DYDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI3911DVDual P-Channel 20-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI6875DQDual P-Channel 20-V D-S MOSFET Common Drain 1 2 3 4 Vishay Siliconix
SI6981DQDual P-Channel 20-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn