Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNST51URA Datasheet(PDF) 8 Page - Inolux Corporation

Part # HNST51URA
Description  0.51 Triple Digit Numeric SMD Display
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNST51URA Datasheet(HTML) 8 Page - Inolux Corporation

Back Button HNST51URA Datasheet HTML 4Page - Inolux Corporation HNST51URA Datasheet HTML 5Page - Inolux Corporation HNST51URA Datasheet HTML 6Page - Inolux Corporation HNST51URA Datasheet HTML 7Page - Inolux Corporation HNST51URA Datasheet HTML 8Page - Inolux Corporation HNST51URA Datasheet HTML 9Page - Inolux Corporation HNST51URA Datasheet HTML 10Page - Inolux Corporation HNST51URA Datasheet HTML 11Page - Inolux Corporation HNST51URA Datasheet HTML 12Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
0.51” Triple Digit
Numeric SMD Display
HNST51 Series
Official Product
HNST51 Series
Customer Part No.
Data Sheet No.
****************
****************
HNST51 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 14, 2013
Version of 1.0
Page
8/18
Electrical and Optical Characteristic
(Ta= 25°C )
Product
Emission
Color
IF (mA)
VF (V)
λ (nm)
IV (mcd)
IR (µA)
Typ.
Max.
λd
Δλ
Typ.
Max
HNST51UBA/
HNST51UBC
Blue
20
3.2
4.0
470
30
40
10
(VR=8V)
HNST51TGA/
HNST51TGC
True
Green
20
3.2
4.0
525
30
170
10
(VR=8V)
HNST51TWA/
HNST51TWC
White
5
3.2
4.0
X=0.29
Y=0.29
30
120
10
(VR=8V)
HNST51UYGA/
HNST51UYGC
Yellow
Green
20
2.1
2.6
570
20
12
10
(VR=5V)
HNST51UYA/
HNST51UYC
Yellow
20
2.0
2.6
590
20
30
10
(VR=5V)
HNST51UAA/
HNST51UAC
Amber
20
2.0
2.6
610
20
30
10
(VR=5V)
HNST51URA/
HNST51URC
Hyper
Red
20
2.0
2.6
625
20
30
10
(VR=5V)
HNST51USRA/
HNST51USRC
Super
Red
20
2.0
2.6
640
20
6
10
(VR=5V)
Luminous Intensity tolerance = +/- 15%


Similar Part No. - HNST51URA

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNST56 INOLUX-HNST56 Datasheet
11Mb / 19P
   0.56 Triple Digit Numeric SMD Display
HNST56TGA INOLUX-HNST56TGA Datasheet
11Mb / 19P
   0.56 Triple Digit Numeric SMD Display
HNST56TGC INOLUX-HNST56TGC Datasheet
11Mb / 19P
   0.56 Triple Digit Numeric SMD Display
HNST56TWA INOLUX-HNST56TWA Datasheet
11Mb / 19P
   0.56 Triple Digit Numeric SMD Display
HNST56TWC INOLUX-HNST56TWC Datasheet
11Mb / 19P
   0.56 Triple Digit Numeric SMD Display
More results

Similar Description - HNST51URA

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSQ51 INOLUX-HNSQ51 Datasheet
11Mb / 19P
   0.51 Four Digit Numeric SMD Display
HNSS51 INOLUX-HNSS51 Datasheet
10Mb / 19P
   0.51 Single Digit Numeric SMD Display
HNST30 INOLUX-HNST30 Datasheet
10Mb / 18P
   0.3 Triple Digit Numeric SMD Display
HNST56 INOLUX-HNST56 Datasheet
11Mb / 19P
   0.56 Triple Digit Numeric SMD Display
HNST80 INOLUX-HNST80 Datasheet
11Mb / 19P
   0.8 Triple Digit Numeric SMD Display
HNST39 INOLUX-HNST39 Datasheet
11Mb / 19P
   0.39 Triple Digit Numeric SMD Display
HNST20 INOLUX-HNST20 Datasheet
10Mb / 18P
   0.2 Triple Digit Numeric SMD Display
HNST40 INOLUX-HNST40 Datasheet
10Mb / 18P
   0.4 Triple Digit Numeric SMD Display
HNST28 INOLUX-HNST28 Datasheet
10Mb / 18P
   0.28 Triple Digit Numeric SMD Display
logo
Everlight Electronics C...
ELST-506SYGWA EVERLIGHT-ELST-506SYGWA Datasheet
209Kb / 8P
   0.51 Triple Digit SMD Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com