Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNSS39USRA Datasheet(PDF) 11 Page - Inolux Corporation

Part # HNSS39USRA
Description  0.39 Single Digit Numeric SMD Display
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSS39USRA Datasheet(HTML) 11 Page - Inolux Corporation

Back Button HNSS39USRA Datasheet HTML 7Page - Inolux Corporation HNSS39USRA Datasheet HTML 8Page - Inolux Corporation HNSS39USRA Datasheet HTML 9Page - Inolux Corporation HNSS39USRA Datasheet HTML 10Page - Inolux Corporation HNSS39USRA Datasheet HTML 11Page - Inolux Corporation HNSS39USRA Datasheet HTML 12Page - Inolux Corporation HNSS39USRA Datasheet HTML 13Page - Inolux Corporation HNSS39USRA Datasheet HTML 14Page - Inolux Corporation HNSS39USRA Datasheet HTML 15Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
0.39” Single Digit
Numeric SMD Display
HNSS39 Series
Official Product
HNSS39 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSS39 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 09, 2013
Version of 1.0
Page
11/19
Characteristic Curves for TG


Similar Part No. - HNSS39USRA

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSS20 INOLUX-HNSS20 Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNSS20TGA INOLUX-HNSS20TGA Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNSS20TGC INOLUX-HNSS20TGC Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNSS20UAA INOLUX-HNSS20UAA Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNSS20UAC INOLUX-HNSS20UAC Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
More results

Similar Description - HNSS39USRA

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNTS39 INOLUX-HNTS39 Datasheet
1Mb / 17P
   0.39 Single Digit Numeric Display
logo
Micro Electronics
MU140C MICRO-ELECTRONICS-MU140C Datasheet
61Kb / 2P
   0.39 SINGLE DIGIT NUMERIC DISPLAY
logo
BetLux Electronics
BL-SS39C-12 BETLUX-BL-SS39C-12 Datasheet
418Kb / 7P
   10.0mm (0.39) Single digit numeric series, SMD DISPLAY
logo
Inolux Corporation
HNST39 INOLUX-HNST39 Datasheet
11Mb / 19P
   0.39 Triple Digit Numeric SMD Display
HNSQ39 INOLUX-HNSQ39 Datasheet
11Mb / 19P
   0.39 Four Digit Numeric SMD Display
logo
SunLED Corporation
DUR08C SUNLED-DUR08C Datasheet
186Kb / 4P
   9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DMR08C-A SUNLED-DMR08C-A Datasheet
185Kb / 4P
   9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DMR08A-A SUNLED-DMR08A-A Datasheet
185Kb / 4P
   9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DUG08C SUNLED-DUG08C Datasheet
186Kb / 4P
   9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DUY08A SUNLED-DUY08A Datasheet
187Kb / 4P
   9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com