Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNST20TGA Datasheet(PDF) 10 Page - Inolux Corporation

Part # HNST20TGA
Description  0.2 Triple Digit Numeric SMD Display
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNST20TGA Datasheet(HTML) 10 Page - Inolux Corporation

Back Button HNST20TGA Datasheet HTML 6Page - Inolux Corporation HNST20TGA Datasheet HTML 7Page - Inolux Corporation HNST20TGA Datasheet HTML 8Page - Inolux Corporation HNST20TGA Datasheet HTML 9Page - Inolux Corporation HNST20TGA Datasheet HTML 10Page - Inolux Corporation HNST20TGA Datasheet HTML 11Page - Inolux Corporation HNST20TGA Datasheet HTML 12Page - Inolux Corporation HNST20TGA Datasheet HTML 13Page - Inolux Corporation HNST20TGA Datasheet HTML 14Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
0.2” Triple Digit
Numeric SMD Display
HNST20 Series
Official Product
HNST20 Series
Customer Part No.
Data Sheet No.
****************
****************
HNST20 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 14, 2013
Version of 1.0
Page
10/18
Characteristic Curves for UB


Similar Part No. - HNST20TGA

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNST28 INOLUX-HNST28 Datasheet
10Mb / 18P
   0.28 Triple Digit Numeric SMD Display
HNST28TGA INOLUX-HNST28TGA Datasheet
10Mb / 18P
   0.28 Triple Digit Numeric SMD Display
HNST28TGC INOLUX-HNST28TGC Datasheet
10Mb / 18P
   0.28 Triple Digit Numeric SMD Display
HNST28UAA INOLUX-HNST28UAA Datasheet
10Mb / 18P
   0.28 Triple Digit Numeric SMD Display
HNST28UAC INOLUX-HNST28UAC Datasheet
10Mb / 18P
   0.28 Triple Digit Numeric SMD Display
More results

Similar Description - HNST20TGA

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSS20 INOLUX-HNSS20 Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNSQ20 INOLUX-HNSQ20 Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
HNST30 INOLUX-HNST30 Datasheet
10Mb / 18P
   0.3 Triple Digit Numeric SMD Display
HNST56 INOLUX-HNST56 Datasheet
11Mb / 19P
   0.56 Triple Digit Numeric SMD Display
HNST80 INOLUX-HNST80 Datasheet
11Mb / 19P
   0.8 Triple Digit Numeric SMD Display
HNST39 INOLUX-HNST39 Datasheet
11Mb / 19P
   0.39 Triple Digit Numeric SMD Display
HNST40 INOLUX-HNST40 Datasheet
10Mb / 18P
   0.4 Triple Digit Numeric SMD Display
HNST51 INOLUX-HNST51 Datasheet
10Mb / 19P
   0.51 Triple Digit Numeric SMD Display
HNST28 INOLUX-HNST28 Datasheet
10Mb / 18P
   0.28 Triple Digit Numeric SMD Display
logo
BetLux Electronics
BL-SS20A-11 BETLUX-BL-SS20A-11 Datasheet
276Kb / 5P
   5.08mm (0.2) Single digit numeric series, SMD DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com