Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNSS80UBA Datasheet(PDF) 7 Page - Inolux Corporation

Part # HNSS80UBA
Description  0.8 Single Digit Numeric SMD Display
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSS80UBA Datasheet(HTML) 7 Page - Inolux Corporation

Back Button HNSS80UBA Datasheet HTML 3Page - Inolux Corporation HNSS80UBA Datasheet HTML 4Page - Inolux Corporation HNSS80UBA Datasheet HTML 5Page - Inolux Corporation HNSS80UBA Datasheet HTML 6Page - Inolux Corporation HNSS80UBA Datasheet HTML 7Page - Inolux Corporation HNSS80UBA Datasheet HTML 8Page - Inolux Corporation HNSS80UBA Datasheet HTML 9Page - Inolux Corporation HNSS80UBA Datasheet HTML 10Page - Inolux Corporation HNSS80UBA Datasheet HTML 11Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
0.8” Single Digit
Numeric SMD Display
HNSS80 Series
Official Product
HNSS80 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSS80 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 13, 2013
Version of 1.0
Page
7/19
Product Characteristic
Absolute Maximum Rating
(Ta= 25°C )
Product
Emission
Color
PAD
(mW)
IAF
(mA)
IPF
(mA)
VR
(V)
TOP(°C)
TST(°C)
Derate From
25°C (mA/°C)
HNSS80UBA/
HNSS80UBC
Blue
120
30
100
5
-40 ~ +105
-40 ~ +105
0.3
HNSS80TGA/
HNSS80TGC
True
Green
120
30
100
5
-40 ~ +105
-40 ~ +105
0.3
HNSS80TWA/
HNSS80TWC
White
120
30
100
5
-40 ~ +105
-40 ~ +105
0.3
HNSS80UYGA/
HNSS80UYGC
Yellow
Green
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSS80UYA/
HNSS80UYC
Yellow
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSS80UAA/
HNSS80UAC
Amber
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSS80URA/
HNSS80URC
Hyper
Red
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSS80USRA/
HNSS80USRC
Super
Red
75
30
100
5
-40 ~ +105
-40 ~ +105
0.3


Similar Part No. - HNSS80UBA

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSS20 INOLUX-HNSS20 Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNSS20TGA INOLUX-HNSS20TGA Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNSS20TGC INOLUX-HNSS20TGC Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNSS20UAA INOLUX-HNSS20UAA Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNSS20UAC INOLUX-HNSS20UAC Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
More results

Similar Description - HNSS80UBA

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNTS80 INOLUX-HNTS80 Datasheet
1Mb / 17P
   0.8 Single Digit Numeric Display
HNSQ80 INOLUX-HNSQ80 Datasheet
11Mb / 19P
   0.8 Four Digit Numeric SMD Display
HNST80 INOLUX-HNST80 Datasheet
11Mb / 19P
   0.8 Triple Digit Numeric SMD Display
logo
SunLED Corporation
DMR20C-A SUNLED-DMR20C-A Datasheet
182Kb / 4P
   20.32mm (0.8?? SINGLE DIGIT NUMERIC DISPLAY
DUR20C-1 SUNLED-DUR20C-1 Datasheet
179Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUG20C-1 SUNLED-DUG20C-1 Datasheet
179Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUY20A-B SUNLED-DUY20A-B Datasheet
191Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUG20C SUNLED-DUG20C Datasheet
187Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUY20C SUNLED-DUY20C Datasheet
190Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUY20C-1 SUNLED-DUY20C-1 Datasheet
180Kb / 4P
   20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com