Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNSS28UAC Datasheet(PDF) 8 Page - Inolux Corporation

Part # HNSS28UAC
Description  0.28 Single Digit Numeric SMD Display
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSS28UAC Datasheet(HTML) 8 Page - Inolux Corporation

Back Button HNSS28UAC Datasheet HTML 4Page - Inolux Corporation HNSS28UAC Datasheet HTML 5Page - Inolux Corporation HNSS28UAC Datasheet HTML 6Page - Inolux Corporation HNSS28UAC Datasheet HTML 7Page - Inolux Corporation HNSS28UAC Datasheet HTML 8Page - Inolux Corporation HNSS28UAC Datasheet HTML 9Page - Inolux Corporation HNSS28UAC Datasheet HTML 10Page - Inolux Corporation HNSS28UAC Datasheet HTML 11Page - Inolux Corporation HNSS28UAC Datasheet HTML 12Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
0.28” Single Digit
Numeric SMD Display
HNSS28 Series
Official Product
HNSS28 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSS28 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 09, 2013
Version of 1.0
Page
8/18
Electrical and Optical Characteristic
(Ta= 25°C )
Product
Emission
Color
IF (mA)
VF (V)
λ (nm)
IV (mcd)
IR (µA)
Typ.
Max.
λd
Δλ
Typ.
Max
HNSS28UBA/
HNSS28UBC
Blue
20
3.2
4.0
470
30
20
10
(VR=8V)
HNSS28TGA/
HNSS28TGC
True
Green
20
3.2
4.0
525
30
50
10
(VR=8V)
HNSS28UYGA/
HNSS28UYGC
Yellow
Green
20
2.1
2.6
570
20
7
10
(VR=5V)
HNSS28UYA/
HNSS28UYC
Yellow
20
2.0
2.6
590
20
10
10
(VR=5V)
HNSS28UAA/
HNSS28UAC
Amber
20
2.0
2.6
610
20
10
10
(VR=5V)
HNSS28URA/
HNSS28URC
Hyper
Red
20
2.0
2.6
625
20
10
10
(VR=5V)
HNSS28USRA/
HNSS28USRC
Super
Red
20
2.0
2.6
640
20
2
10
(VR=5V)
Luminous Intensity tolerance = +/- 15%


Similar Part No. - HNSS28UAC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSS20 INOLUX-HNSS20 Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNSS20TGA INOLUX-HNSS20TGA Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNSS20TGC INOLUX-HNSS20TGC Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNSS20UAA INOLUX-HNSS20UAA Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNSS20UAC INOLUX-HNSS20UAC Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
More results

Similar Description - HNSS28UAC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSQ28 INOLUX-HNSQ28 Datasheet
10Mb / 18P
   0.28 Four Digit Numeric SMD Display
HNST28 INOLUX-HNST28 Datasheet
10Mb / 18P
   0.28 Triple Digit Numeric SMD Display
logo
BetLux Electronics
BL-S28A-12 BETLUX-BL-S28A-12 Datasheet
333Kb / 5P
   7.0mm (0.28) Single digit numeric display series
logo
LIGITEK electronics co....
LSSD215-6A-XX LIGITEK-LSSD215-6A-XX Datasheet
330Kb / 7P
   SINGLE DIGIT SMD DISPLAY(0.28")
logo
Everlight Electronics C...
EADCS039RA5 EVERLIGHT-EADCS039RA5 Datasheet
569Kb / 8P
   0.28" Single Digit SMD Display
logo
BetLux Electronics
BL-S28C-12 BETLUX-BL-S28C-12 Datasheet
336Kb / 6P
   7.0mm (0.28) Single digit numeric display series
logo
Inolux Corporation
HNTQ28 INOLUX-HNTQ28 Datasheet
1Mb / 17P
   0.28 Four Digit Numeric Display
logo
SunLED Corporation
DMR07C2-1 SUNLED-DMR07C2-1 Datasheet
190Kb / 4P
   7mm (0.28) DUAL DIGIT NUMERIC DISPLAY
DUG07A4 SUNLED-DUG07A4 Datasheet
195Kb / 4P
   7mm (0.28) FOUR DIGIT NUMERIC DISPLAY
DUR07A4 SUNLED-DUR07A4 Datasheet
195Kb / 4P
   7mm (0.28) FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com