Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN1017UCP3-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN1017UCP3-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN1017UCP3-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN1017UCP3-7 Datasheet HTML 1Page - Diodes Incorporated DMN1017UCP3-7 Datasheet HTML 2Page - Diodes Incorporated DMN1017UCP3-7 Datasheet HTML 3Page - Diodes Incorporated DMN1017UCP3-7 Datasheet HTML 4Page - Diodes Incorporated DMN1017UCP3-7 Datasheet HTML 5Page - Diodes Incorporated DMN1017UCP3-7 Datasheet HTML 6Page - Diodes Incorporated DMN1017UCP3-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN1017UCP3
Document number: DS39521 Rev. 4 - 2
3 of 7
www.diodes.com
April 2017
© Diodes Incorporated
DMN1017UCP3
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = 1.2V
V
GS = 1.4V
V
GS = 1.5V
V
GS = 2.0V
V
GS = 2.5V
V
GS = 3.0V
V
GS = 4.5V
V
GS = 8.0V
0
2
4
6
8
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS = 5V
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 150
oC
0.012
0.014
0.016
0.018
0.02
0.022
0.024
0
5
10
15
20
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current
and Gate Voltage
V
GS = 1.8V
V
GS = 2.5V
V
GS = 3.3V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
1
2
3
4
5
6
7
8
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D = 5A
0.01
0.012
0.014
0.016
0.018
0.02
0.022
0
2
4
6
8
10
12
14
16
18
20
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current and
Junction Temperature
V
GS = 3.3V
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 150
oC
0.01
0.012
0.014
0.016
0.018
0.02
0.022
0
2
4
6
8
10
12
14
16
18
20
I
D, DRAIN CURRENT (A)
Figure 6. Typical On-Resistance vs. Drain Current
and Junction Temperature
V
GS = 3.0V
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 150
oC


Similar Part No. - DMN1017UCP3-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1014UFDF DIODES-DMN1014UFDF Datasheet
500Kb / 8P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
February 2020 Rev. 3 - 2
DMN1014UFDF-13 DIODES-DMN1014UFDF-13 Datasheet
500Kb / 8P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
February 2020 Rev. 3 - 2
DMN1014UFDF-7 DIODES-DMN1014UFDF-7 Datasheet
500Kb / 8P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
February 2020 Rev. 3 - 2
DMN1016UCB6 DIODES-DMN1016UCB6 Datasheet
531Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1016UCB6 DIODES-DMN1016UCB6 Datasheet
605Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN1017UCP3-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com