Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9302DT Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC9302DT
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302DT Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC9302DT Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9302DT Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9302DT Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9302DT Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9302DT Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9302DT Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9302DT Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9302DT Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9302DT Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
4
KEYBOARD INFORMATION
SA
F
P
R
3
6
9
#
2
5
8
0
1
4
7
*/T
C4
C3
C2
C1
SA
F
P
R
3
6
9
#
2
5
8
0
1
4
7
*/T
R1
R2
R3
R4
C4
C3
C2
C1
ST
HKS
R1
R2
R3
R4
F
P
R
3
6
9
#
2
5
8
0
1
4
7
*/T
C4
C3
C2
C1
R1
R2
R3
R4
F
R/P
3
6
9
#
2
5
8
0
1
4
7
*/T
C4
C3
C2
C1
R1
R2
R3
R4
F
P
R
3
6
9
#
2
5
8
0
1
4
7
*/T
C3
C2
C1
HKS
R1
R2
R3
R4
SC9302X and SC9302XT
SC9302XLT
SC9302H
SC9302F
SC9302G


Similar Part No. - SC9302DT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC9301 SEMTECH-SC9301 Datasheet
1Mb / 29P
   10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
SC9301EVB SEMTECH-SC9301EVB Datasheet
1Mb / 29P
   10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
SC9301MLTRT SEMTECH-SC9301MLTRT Datasheet
1Mb / 29P
   10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
logo
Silan Microelectronics ...
SC9308 SILAN-SC9308 Datasheet
1Mb / 16P
   AUDIO SYSTEM CONTROL MCU WITH ANALOG RADIO FUNCTION
SC9308P SILAN-SC9308P Datasheet
1Mb / 16P
   AUDIO SYSTEM CONTROL MCU WITH ANALOG RADIO FUNCTION
More results

Similar Description - SC9302DT

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9302 HOLTEK-HT9302 Datasheet
284Kb / 27P
   1-Memory/2-Memory Tone/Pulse Dialer
HT9302 HOLTEK-HT9302_09 Datasheet
345Kb / 33P
   1-Memory/2-Memory Tone/Pulse Dialer
HT9202A HOLTEK-HT9202A Datasheet
209Kb / 9P
   1-Memory/2-Memory Tone/Pulse Dialer
HT93214 HOLTEK-HT93214 Datasheet
194Kb / 16P
   1-memory Tone/Pulse Dialer
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
   22-Memory Tone/Pulse Dialer
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
   20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320 Datasheet
382Kb / 30P
   22-Memory Tone/Pulse Dialer
HT9214 HOLTEK-HT9214 Datasheet
1,008Kb / 25P
   15-Memory Tone/Pulse Dialer
HT9312 HOLTEK-HT9312 Datasheet
1Mb / 30P
   12-Memory Tone/Pulse Dialer
HT9315 HOLTEK-HT9315 Datasheet
309Kb / 27P
   15-Memory Tone/Pulse Dialer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com