Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNSS20USRC Datasheet(PDF) 7 Page - Inolux Corporation

Part # HNSS20USRC
Description  0.2 Single Digit Numeric SMD Display
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSS20USRC Datasheet(HTML) 7 Page - Inolux Corporation

Back Button HNSS20USRC Datasheet HTML 3Page - Inolux Corporation HNSS20USRC Datasheet HTML 4Page - Inolux Corporation HNSS20USRC Datasheet HTML 5Page - Inolux Corporation HNSS20USRC Datasheet HTML 6Page - Inolux Corporation HNSS20USRC Datasheet HTML 7Page - Inolux Corporation HNSS20USRC Datasheet HTML 8Page - Inolux Corporation HNSS20USRC Datasheet HTML 9Page - Inolux Corporation HNSS20USRC Datasheet HTML 10Page - Inolux Corporation HNSS20USRC Datasheet HTML 11Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
0.2” Single Digit
Numeric SMD Display
HNSS20 Series
Official Product
HNSS20 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSS20 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 08, 2013
Version of 1.0
Page
7/18
Product Characteristic
Absolute Maximum Rating
(Ta= 25°C )
Product
Emission
Color
PAD
(mW)
IAF
(mA)
IPF
(mA)
VR
(V)
TOP(°C)
TST(°C)
Derate From
25°C (mA/°C)
HNSS20UBA/
HNSS20UBC
Blue
120
30
100
5
-40 ~ +105
-40 ~ +105
0.3
HNSS20TGA/
HNSS20TGC
True
Green
120
30
100
5
-40 ~ +105
-40 ~ +105
0.3
HNSS20UYGA/
HNSS20UYGC
Yellow
Green
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSS20UYA/
HNSS20UYC
Yellow
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSS20UAA/
HNSS20UAC
Amber
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSS20URA/
HNSS20URC
Hyper
Red
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSS20USRA/
HNSS20USRC
Super
Red
75
30
100
5
-40 ~ +105
-40 ~ +105
0.3


Similar Part No. - HNSS20USRC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSS28 INOLUX-HNSS28 Datasheet
10Mb / 18P
   0.28 Single Digit Numeric SMD Display
HNSS28TGA INOLUX-HNSS28TGA Datasheet
10Mb / 18P
   0.28 Single Digit Numeric SMD Display
HNSS28TGC INOLUX-HNSS28TGC Datasheet
10Mb / 18P
   0.28 Single Digit Numeric SMD Display
HNSS28UAA INOLUX-HNSS28UAA Datasheet
10Mb / 18P
   0.28 Single Digit Numeric SMD Display
HNSS28UAC INOLUX-HNSS28UAC Datasheet
10Mb / 18P
   0.28 Single Digit Numeric SMD Display
More results

Similar Description - HNSS20USRC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-SS20A-11 BETLUX-BL-SS20A-11 Datasheet
276Kb / 5P
   5.08mm (0.2) Single digit numeric series, SMD DISPLAY
logo
Inolux Corporation
HNST20 INOLUX-HNST20 Datasheet
10Mb / 18P
   0.2 Triple Digit Numeric SMD Display
HNSQ20 INOLUX-HNSQ20 Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
logo
China Semiconductor Cor...
CSS-S20122M9 CHINASEMI-CSS-S20122M9 Datasheet
230Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122V9 CHINASEMI-CSS-S20122V9 Datasheet
221Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122A9 CHINASEMI-CSS-S20122A9 Datasheet
232Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122A9 CHINASEMI-CSS-S20122A9 Datasheet
232Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122G CHINASEMI-CSS-S20122G Datasheet
228Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122S CHINASEMI-CSS-S20122S Datasheet
227Kb / 7P
   0.2 Inch Single Digit SMD Display
CSS-S20122B7 CHINASEMI-CSS-S20122B7 Datasheet
223Kb / 7P
   0.2 Inch Single Digit SMD Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com