Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNSQ56USRA Datasheet(PDF) 5 Page - Inolux Corporation

Part # HNSQ56USRA
Description  0.56 Four Digit Numeric SMD Display
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSQ56USRA Datasheet(HTML) 5 Page - Inolux Corporation

  HNSQ56USRA Datasheet HTML 1Page - Inolux Corporation HNSQ56USRA Datasheet HTML 2Page - Inolux Corporation HNSQ56USRA Datasheet HTML 3Page - Inolux Corporation HNSQ56USRA Datasheet HTML 4Page - Inolux Corporation HNSQ56USRA Datasheet HTML 5Page - Inolux Corporation HNSQ56USRA Datasheet HTML 6Page - Inolux Corporation HNSQ56USRA Datasheet HTML 7Page - Inolux Corporation HNSQ56USRA Datasheet HTML 8Page - Inolux Corporation HNSQ56USRA Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
0.56” Four Digit
Numeric SMD Display
HNSQ56 Series
Official Product
HNSQ56 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSQ56 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 15, 2013
Version of 1.0
Page
5/19
Features
0.56” (14.2mm) Digit Height
SMD Type Display
Gray Face , White Segment
RoHS Compliant, Pb Free
Note: Dimension is in millimeters. Tolerance is ±0.25mm unless otherwise noted.


Similar Part No. - HNSQ56USRA

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSQ51 INOLUX-HNSQ51 Datasheet
11Mb / 19P
   0.51 Four Digit Numeric SMD Display
HNSQ51TGA INOLUX-HNSQ51TGA Datasheet
11Mb / 19P
   0.51 Four Digit Numeric SMD Display
HNSQ51TGC INOLUX-HNSQ51TGC Datasheet
11Mb / 19P
   0.51 Four Digit Numeric SMD Display
HNSQ51TWA INOLUX-HNSQ51TWA Datasheet
11Mb / 19P
   0.51 Four Digit Numeric SMD Display
HNSQ51TWC INOLUX-HNSQ51TWC Datasheet
11Mb / 19P
   0.51 Four Digit Numeric SMD Display
More results

Similar Description - HNSQ56USRA

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNTQ56 INOLUX-HNTQ56 Datasheet
1Mb / 17P
   0.56 Four Digit Numeric Display
logo
SunLED Corporation
DUG14C4 SUNLED-DUG14C4 Datasheet
195Kb / 4P
   14.22mm (0.56?? FOUR DIGIT NUMERIC DISPLAY
DUG14C4-A SUNLED-DUG14C4-A Datasheet
191Kb / 4P
   14.22mm (0.56) FOUR DIGIT NUMERIC DISPLAY
DUY14C4 SUNLED-DUY14C4 Datasheet
197Kb / 4P
   14.22mm (0.56) FOUR DIGIT NUMERIC DISPLAY
DMR14A4 SUNLED-DMR14A4 Datasheet
194Kb / 4P
   14.22mm (0.56?? FOUR DIGIT NUMERIC DISPLAY
DUR14A4-A SUNLED-DUR14A4-A Datasheet
194Kb / 4P
   14.22mm (0.56) FOUR DIGIT NUMERIC DISPLAY
DUY14C4-1A SUNLED-DUY14C4-1A Datasheet
195Kb / 4P
   14.22mm (0.56) FOUR DIGIT NUMERIC DISPLAY
DUR14C4-A SUNLED-DUR14C4-A Datasheet
195Kb / 4P
   14.22mm (0.56?? FOUR DIGIT NUMERIC DISPLAY
DUG14A4 SUNLED-DUG14A4 Datasheet
195Kb / 4P
   14.22mm (0.56) FOUR DIGIT NUMERIC DISPLAY
DMR14C4 SUNLED-DMR14C4 Datasheet
194Kb / 4P
   14.22mm (0.56?? FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com