Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ2700EFGKOAL-PF Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # CJ2700EFGKOAL-PF
Description  7.0 x 5.0mm Crystal unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

CJ2700EFGKOAL-PF Datasheet(HTML) 2 Page - Advanced Crystal Technology

  CJ2700EFGKOAL-PF Datasheet HTML 1Page - Advanced Crystal Technology CJ2700EFGKOAL-PF Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
752 SMX‐2 Series
7.0 x 5.0mm Crystal unit
Drawing control: (Internal use only)
Commodity code: 854160 00 00
Issue number: 1
Date: 1/02/2017
Internal reference: H3
Additional information
Solder Reflow Profile
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
Part number generation
CJ
2700
G
K
L
GO
F
L
‐PF
ACT
Series
Code
Frequency
(MHz)
 Frequency 
Tolerance 
(±ppm)
Frequency 
stability over 
temperature 
range (±ppm)
Operating 
Temperature 
Range (°C)  
Load 
capacitance     
(CL ‐pF)
Frequency 
mode
Packaging    
(Tape & 
Reel)
RoHS
CJ
8MHz = 0800
27MHz = 2700
Note: Use the first 4 
characters of the 
frequency in Hz i.e.      
27MHz =27000000Hz  
If the frequency is 
100MHz or higher then 
the first 5 characters 
are used
±10 = E
±15 = F
±20 = G
±25 = H
±30 = I
±50 = L
±10 = F
±15 = G
±20 = I
±30 = K
±50 = O
±100 = V
0 ~ +50 = A
 ‐10 ~ +60 = E
 ‐20 ~ +70 = G
 ‐30 ~ +85 = L
  ‐40 ~ +85 = M
8 = GO
9 = JO
10 = KO
12 = OO
13 = YO
14 = ZO
16 = RO
18 = TO
20 = VO
22 = WO
30 = DA
Series = SR
Fundamental = 
3  Overtone = 
Loose  = L   
1000pcs = C  
 
RoHS  =  ‐pF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : CJ2700GKLGOFL‐PF [27.000MHz] , CJ2457GKLGOFL‐PF [24.576MHz]


Similar Part No. - CJ2700EFGKOAL-PF

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CJ2 JAE-CJ2 Datasheet
359Kb / 7P
   FREQUENCY RANGE TO 3GHz
logo
Pepperl+Fuchs Inc.
CJ2-18GK-N PF-CJ2-18GK-N Datasheet
240Kb / 2P
   Capacitive sensor
logo
American Accurate Compo...
CJ201003DB AAC-CJ201003DB Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CJ201003DK AAC-CJ201003DK Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CJ201003DM AAC-CJ201003DM Datasheet
740Kb / 5P
   Thick Film Chip Resistors
More results

Similar Description - CJ2700EFGKOAL-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
753-SMX-4 ACT-753-SMX-4 Datasheet
236Kb / 2P
   7.0 x 5.0mm Crystal unit
1/02/2017
logo
Diodes Incorporated
FNETHE025 DIODES-FNETHE025 Datasheet
282Kb / 2P
   Application Specific Crystal Oscillator 7.0 x 5.0mm
Rev F 07/13/12
logo
Abracon Corporation
ABMMC2 ABRACON-ABMMC2 Datasheet
1Mb / 2P
   7.0 x 5.0mm 2 PADS SURFACE MOUNT CRYSTAL
08.20.10
logo
Pericom Semiconductor C...
JX701 PERICOM-JX701 Datasheet
726Kb / 2P
   Ultra Low Jitter PLL Crystal Oscillator 7.0 x 5.0mm
logo
Diodes Incorporated
NX703 DIODES-NX703 Datasheet
649Kb / 2P
   Ultra Low Jitter PLL Crystal Oscillator 7.0 x 5.0mm
Rev B 08/13/14
logo
Golledge Electronics Lt...
GSX-751 GOLLEDGE-GSX-751 Datasheet
576Kb / 6P
   7.0 x 5.0mm High Frequency SM Crystal with Tight Specifications
logo
Pericom Semiconductor C...
FNA000073 PERICOM-FNA000073 Datasheet
252Kb / 3P
   FN Series Crystal Clock Oscillator (XO) Legacy S1613 Series 7.0 x 5.0mm
logo
Transko Electronics, In...
TV75A TRANSKO-TV75A Datasheet
419Kb / 2P
   MINIATURE CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 12-14-2022
logo
Advanced Crystal Techno...
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com