Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNSQ40UYGC Datasheet(PDF) 11 Page - Inolux Corporation

Part # HNSQ40UYGC
Description  0.4 Four Digit Numeric SMD Display
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSQ40UYGC Datasheet(HTML) 11 Page - Inolux Corporation

Back Button HNSQ40UYGC Datasheet HTML 7Page - Inolux Corporation HNSQ40UYGC Datasheet HTML 8Page - Inolux Corporation HNSQ40UYGC Datasheet HTML 9Page - Inolux Corporation HNSQ40UYGC Datasheet HTML 10Page - Inolux Corporation HNSQ40UYGC Datasheet HTML 11Page - Inolux Corporation HNSQ40UYGC Datasheet HTML 12Page - Inolux Corporation HNSQ40UYGC Datasheet HTML 13Page - Inolux Corporation HNSQ40UYGC Datasheet HTML 14Page - Inolux Corporation HNSQ40UYGC Datasheet HTML 15Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
0.4” Four Digit
Numeric SMD Display
HNSQ40 Series
Official Product
HNSQ40 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSQ40 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 15, 2013
Version of 1.0
Page
11/19
Characteristic Curves for TG


Similar Part No. - HNSQ40UYGC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSQ20 INOLUX-HNSQ20 Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
HNSQ20TGA INOLUX-HNSQ20TGA Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
HNSQ20TGC INOLUX-HNSQ20TGC Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
HNSQ20UAA INOLUX-HNSQ20UAA Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
HNSQ20UAC INOLUX-HNSQ20UAC Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
More results

Similar Description - HNSQ40UYGC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNST40 INOLUX-HNST40 Datasheet
10Mb / 18P
   0.4 Triple Digit Numeric SMD Display
HNSQ51 INOLUX-HNSQ51 Datasheet
11Mb / 19P
   0.51 Four Digit Numeric SMD Display
HNSQ30 INOLUX-HNSQ30 Datasheet
10Mb / 18P
   0.3 Four Digit Numeric SMD Display
HNSQ56 INOLUX-HNSQ56 Datasheet
11Mb / 19P
   0.56 Four Digit Numeric SMD Display
HNSQ39 INOLUX-HNSQ39 Datasheet
11Mb / 19P
   0.39 Four Digit Numeric SMD Display
HNSQ80 INOLUX-HNSQ80 Datasheet
11Mb / 19P
   0.8 Four Digit Numeric SMD Display
HNSQ20 INOLUX-HNSQ20 Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
HNSQ28 INOLUX-HNSQ28 Datasheet
10Mb / 18P
   0.28 Four Digit Numeric SMD Display
logo
BetLux Electronics
BL-Q40E-42 BETLUX-BL-Q40E-42 Datasheet
325Kb / 5P
   10.16mm (0.4) Four digit and Over numeric display series
BL-Q40A-45 BETLUX-BL-Q40A-45 Datasheet
336Kb / 5P
   10.2mm (0.4) Four digit and Over numeric display series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com