Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNSQ51TGC Datasheet(PDF) 7 Page - Inolux Corporation

Part # HNSQ51TGC
Description  0.51 Four Digit Numeric SMD Display
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSQ51TGC Datasheet(HTML) 7 Page - Inolux Corporation

Back Button HNSQ51TGC Datasheet HTML 3Page - Inolux Corporation HNSQ51TGC Datasheet HTML 4Page - Inolux Corporation HNSQ51TGC Datasheet HTML 5Page - Inolux Corporation HNSQ51TGC Datasheet HTML 6Page - Inolux Corporation HNSQ51TGC Datasheet HTML 7Page - Inolux Corporation HNSQ51TGC Datasheet HTML 8Page - Inolux Corporation HNSQ51TGC Datasheet HTML 9Page - Inolux Corporation HNSQ51TGC Datasheet HTML 10Page - Inolux Corporation HNSQ51TGC Datasheet HTML 11Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
0.51” Four Digit
Numeric SMD Display
HNSQ51 Series
Official Product
HNSQ51 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSQ51 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 15, 2013
Version of 1.0
Page
7/19
Product Characteristic
Absolute Maximum Rating
(Ta= 25°C )
Product
Emission
Color
PAD
(mW)
IAF
(mA)
IPF
(mA)
VR
(V)
TOP(°C)
TST(°C)
Derate From
25°C (mA/°C)
HNSQ51UBA/
HNSQ51UBC
Blue
120
30
100
5
-40 ~ +105
-40 ~ +105
0.3
HNSQ51TGA/
HNSQ51TGC
True
Green
120
30
100
5
-40 ~ +105
-40 ~ +105
0.3
HNSQ51TWA/
HNSQ51TWC
White
120
30
100
5
-40 ~ +105
-40 ~ +105
0.3
HNSQ51UYGA/
HNSQ51UYGC
Yellow
Green
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSQ51UYA/
HNSQ51UYC
Yellow
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSQ51UAA/
HNSQ51UAC
Amber
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSQ51URA/
HNSQ51URC
Hyper
Red
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSQ51USRA/
HNSQ51USRC
Super
Red
75
30
100
5
-40 ~ +105
-40 ~ +105
0.3


Similar Part No. - HNSQ51TGC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSQ56 INOLUX-HNSQ56 Datasheet
11Mb / 19P
   0.56 Four Digit Numeric SMD Display
HNSQ56TGA INOLUX-HNSQ56TGA Datasheet
11Mb / 19P
   0.56 Four Digit Numeric SMD Display
HNSQ56TGC INOLUX-HNSQ56TGC Datasheet
11Mb / 19P
   0.56 Four Digit Numeric SMD Display
HNSQ56TWA INOLUX-HNSQ56TWA Datasheet
11Mb / 19P
   0.56 Four Digit Numeric SMD Display
HNSQ56TWC INOLUX-HNSQ56TWC Datasheet
11Mb / 19P
   0.56 Four Digit Numeric SMD Display
More results

Similar Description - HNSQ51TGC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSS51 INOLUX-HNSS51 Datasheet
10Mb / 19P
   0.51 Single Digit Numeric SMD Display
HNST51 INOLUX-HNST51 Datasheet
10Mb / 19P
   0.51 Triple Digit Numeric SMD Display
HNSQ30 INOLUX-HNSQ30 Datasheet
10Mb / 18P
   0.3 Four Digit Numeric SMD Display
HNSQ40 INOLUX-HNSQ40 Datasheet
11Mb / 19P
   0.4 Four Digit Numeric SMD Display
HNSQ56 INOLUX-HNSQ56 Datasheet
11Mb / 19P
   0.56 Four Digit Numeric SMD Display
HNSQ39 INOLUX-HNSQ39 Datasheet
11Mb / 19P
   0.39 Four Digit Numeric SMD Display
HNSQ80 INOLUX-HNSQ80 Datasheet
11Mb / 19P
   0.8 Four Digit Numeric SMD Display
HNSQ20 INOLUX-HNSQ20 Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
HNSQ28 INOLUX-HNSQ28 Datasheet
10Mb / 18P
   0.28 Four Digit Numeric SMD Display
HNSD51 INOLUX-HNSD51 Datasheet
10Mb / 18P
   Inolux Technologies 0.51 Dual Digit Numeric SMD Display HNSD51 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com