Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNSQ28URA Datasheet(PDF) 5 Page - Inolux Corporation

Part # HNSQ28URA
Description  0.28 Four Digit Numeric SMD Display
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSQ28URA Datasheet(HTML) 5 Page - Inolux Corporation

  HNSQ28URA Datasheet HTML 1Page - Inolux Corporation HNSQ28URA Datasheet HTML 2Page - Inolux Corporation HNSQ28URA Datasheet HTML 3Page - Inolux Corporation HNSQ28URA Datasheet HTML 4Page - Inolux Corporation HNSQ28URA Datasheet HTML 5Page - Inolux Corporation HNSQ28URA Datasheet HTML 6Page - Inolux Corporation HNSQ28URA Datasheet HTML 7Page - Inolux Corporation HNSQ28URA Datasheet HTML 8Page - Inolux Corporation HNSQ28URA Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
0.28” Four Digit
Numeric SMD Display
HNSQ28 Series
Official Product
HNSQ28 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSQ28 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 15, 2013
Version of 1.0
Page
5/18
Features
0.28” (7.00mm) Digit Height
SMD Type Display
Gray Face , White Segment
RoHS Compliant, Pb Free
Note: Dimension is in millimeters. Tolerance is ±0.25mm unless otherwise noted.


Similar Part No. - HNSQ28URA

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSQ20 INOLUX-HNSQ20 Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
HNSQ20TGA INOLUX-HNSQ20TGA Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
HNSQ20TGC INOLUX-HNSQ20TGC Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
HNSQ20UAA INOLUX-HNSQ20UAA Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
HNSQ20UAC INOLUX-HNSQ20UAC Datasheet
10Mb / 18P
   0.2 Four Digit Numeric SMD Display
More results

Similar Description - HNSQ28URA

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNTQ28 INOLUX-HNTQ28 Datasheet
1Mb / 17P
   0.28 Four Digit Numeric Display
logo
SunLED Corporation
DUG07A4 SUNLED-DUG07A4 Datasheet
195Kb / 4P
   7mm (0.28) FOUR DIGIT NUMERIC DISPLAY
DUR07A4 SUNLED-DUR07A4 Datasheet
195Kb / 4P
   7mm (0.28) FOUR DIGIT NUMERIC DISPLAY
DUR07C4 SUNLED-DUR07C4 Datasheet
195Kb / 4P
   7mm (0.28) FOUR DIGIT NUMERIC DISPLAY
logo
Lucky Light Electronic
KW4-282 LUCKY-LIGHT-KW4-282 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.28)
logo
SunLED Corporation
DMR07C4 SUNLED-DMR07C4 Datasheet
192Kb / 4P
   7mm (0.28) FOUR DIGIT NUMERIC DISPLAY
logo
Lucky Light Electronic
KW4-283 LUCKY-LIGHT-KW4-283 Datasheet
50Kb / 1P
   LED Numeric Display Four Digit (0.28)
logo
SunLED Corporation
DUG07C4 SUNLED-DUG07C4 Datasheet
194Kb / 4P
   7mm (0.28?? FOUR DIGIT NUMERIC DISPLAY
DMR07A4 SUNLED-DMR07A4 Datasheet
193Kb / 4P
   7mm (0.28) FOUR DIGIT NUMERIC DISPLAY
DUY07A4 SUNLED-DUY07A4 Datasheet
196Kb / 4P
   7mm (0.28?? FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com