Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNSQ39TGC Datasheet(PDF) 7 Page - Inolux Corporation

Part # HNSQ39TGC
Description  0.39 Four Digit Numeric SMD Display
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSQ39TGC Datasheet(HTML) 7 Page - Inolux Corporation

Back Button HNSQ39TGC Datasheet HTML 3Page - Inolux Corporation HNSQ39TGC Datasheet HTML 4Page - Inolux Corporation HNSQ39TGC Datasheet HTML 5Page - Inolux Corporation HNSQ39TGC Datasheet HTML 6Page - Inolux Corporation HNSQ39TGC Datasheet HTML 7Page - Inolux Corporation HNSQ39TGC Datasheet HTML 8Page - Inolux Corporation HNSQ39TGC Datasheet HTML 9Page - Inolux Corporation HNSQ39TGC Datasheet HTML 10Page - Inolux Corporation HNSQ39TGC Datasheet HTML 11Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
0.39” Four Digit
Numeric SMD Display
HNSQ39 Series
Official Product
HNSQ39 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSQ39 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 15, 2013
Version of 1.0
Page
7/19
Product Characteristic
Absolute Maximum Rating
(Ta= 25°C )
Product
Emission
Color
PAD
(mW)
IAF
(mA)
IPF
(mA)
VR
(V)
TOP(°C)
TST(°C)
Derate From
25°C (mA/°C)
HNSQ39UBA/
HNSQ39UBC
Blue
120
30
100
5
-40 ~ +105
-40 ~ +105
0.3
HNSQ39TGA/
HNSQ39TGC
True
Green
120
30
100
5
-40 ~ +105
-40 ~ +105
0.3
HNSQ39TWA/
HNSQ39TWC
White
120
30
100
5
-40 ~ +105
-40 ~ +105
0.3
HNSQ39UYGA/
HNSQ39UYGC
Yellow
Green
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSQ39UYA/
HNSQ39UYC
Yellow
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSQ39UAA/
HNSQ39UAC
Amber
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSQ39URA/
HNSQ39URC
Hyper
Red
70
25
90
5
-40 ~ +105
-40 ~ +105
0.28
HNSQ39USRA/
HNSQ39USRC
Super
Red
75
30
100
5
-40 ~ +105
-40 ~ +105
0.3


Similar Part No. - HNSQ39TGC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSQ30 INOLUX-HNSQ30 Datasheet
10Mb / 18P
   0.3 Four Digit Numeric SMD Display
HNSQ30TGA INOLUX-HNSQ30TGA Datasheet
10Mb / 18P
   0.3 Four Digit Numeric SMD Display
HNSQ30TGC INOLUX-HNSQ30TGC Datasheet
10Mb / 18P
   0.3 Four Digit Numeric SMD Display
HNSQ30UAA INOLUX-HNSQ30UAA Datasheet
10Mb / 18P
   0.3 Four Digit Numeric SMD Display
HNSQ30UAC INOLUX-HNSQ30UAC Datasheet
10Mb / 18P
   0.3 Four Digit Numeric SMD Display
More results

Similar Description - HNSQ39TGC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNTQ39 INOLUX-HNTQ39 Datasheet
1Mb / 17P
   0.39 Four Digit Numeric Display
logo
Lucky Light Electronic
KW4-392 LUCKY-LIGHT-KW4-392 Datasheet
50Kb / 1P
   LED Numeric Display Four Digit (0.39)
KW4-391 LUCKY-LIGHT-KW4-391 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.39)
logo
Inolux Corporation
HNST39 INOLUX-HNST39 Datasheet
11Mb / 19P
   0.39 Triple Digit Numeric SMD Display
HNSS39 INOLUX-HNSS39 Datasheet
10Mb / 19P
   0.39 Single Digit Numeric SMD Display
HNSQ51 INOLUX-HNSQ51 Datasheet
11Mb / 19P
   0.51 Four Digit Numeric SMD Display
HNSQ30 INOLUX-HNSQ30 Datasheet
10Mb / 18P
   0.3 Four Digit Numeric SMD Display
HNSQ40 INOLUX-HNSQ40 Datasheet
11Mb / 19P
   0.4 Four Digit Numeric SMD Display
HNSQ56 INOLUX-HNSQ56 Datasheet
11Mb / 19P
   0.56 Four Digit Numeric SMD Display
HNSQ80 INOLUX-HNSQ80 Datasheet
11Mb / 19P
   0.8 Four Digit Numeric SMD Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com