Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG6968U Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMG6968U
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG6968U Datasheet(HTML) 1 Page - Diodes Incorporated

  DMG6968U Datasheet HTML 1Page - Diodes Incorporated DMG6968U Datasheet HTML 2Page - Diodes Incorporated DMG6968U Datasheet HTML 3Page - Diodes Incorporated DMG6968U Datasheet HTML 4Page - Diodes Incorporated DMG6968U Datasheet HTML 5Page - Diodes Incorporated DMG6968U Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMG6968U
Document number: DS31738 Rev. 7 - 2
1 of 6
www.diodes.com
November 2017
© Diodes Incorporated
DMG6968U
N-CHANNEL ENHANCEMENT MODE MOSFET
Features
Low On-Resistance
25m
Ω @ VGS = 4.5V
29m
Ω @ VGS = 2.5V
36m
Ω @ VGS = 1.8V
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
ESD Protected Up To 2kV
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT23
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
— Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Terminals Connections: See Diagram Below
Weight: 0.008 grams (Approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
DMG6968U-7
Standard
SOT23
3000/Tape & Reel
DMG6968UQ-7
Automotive
SOT23
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to https://www.diodes.com/quality/product-compliance-definitions/.
5. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2009
….
2017
2018
2019
2020
2021
2022
2023
2024
2025
2026
Code
W
…..
E
F
G
H
I
J
K
L
M
N
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Internal Schematic
Top View
D
G
S
ESD PROTECTED TO 2kV
2N4 = Product Type Marking Code
YM = Date Code Marking
Y or
= Year (ex: E = 2017)
M = Month (ex: 9 = September)
2N4
e3
Y
D
S
G
Gate Protection
Diode


Similar Part No. - DMG6968U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG6968U DIODES-DMG6968U Datasheet
153Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
ZP Semiconductor
DMG6968U ZPSEMI-DMG6968U Datasheet
154Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMG6968U-7 DIODES-DMG6968U-7 Datasheet
153Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMG6968U-7 DIODES-DMG6968U-7 Datasheet
175Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
DMG6968U-7 VBSEMI-DMG6968U-7 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - DMG6968U

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com