Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9302D Datasheet(PDF) 11 Page - Silan Microelectronics Joint-stock

Part # SC9302D
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302D Datasheet(HTML) 11 Page - Silan Microelectronics Joint-stock

Back Button SC9302D Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9302D Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9302D Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9302D Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9302D Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9302D Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9302D Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC9302D Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC9302D Datasheet HTML 15Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
11
(continued)
HFI
I
CMOS IN
Pull-Low
This pin is a schmitt trigger input structure. Active high. Applying a
positive going pulse to HFI can toggle the HFO once and hence control
the hand-free function. The pull-low resistance of HFI is 200K
typically.
An external RC network is recommended to use for the input
debouncing.
HFO
O
CMOS OUT
The HFO is a CMOS output structure. Its output is toggle controlled by
a positive transition on HFI pin. When HFO is high, the hand-free
function is enabled and
PO outputs high to connect the line.
The hand-free function can be released by setting HDO high or by an
on-off-hook operation or by another HFI input. Refer to the functional
description for the hand-free functional operation.
LOCK
I/O
CMOS IN/OUT
This is a three-state input/output pin, provided to the user for controlling
the long distance call function with a lock-switch.
LOCK=OPEN: Normal dialing (no lock).
LOCK=V
DD: “0,9” is inhibited for use as the first key input.
LOCK=V
SS: “0” is inhibited for use as the first key input.
DOUT
O
NMOS OUT
This is an NMOS open drain output pin. It outputs the BCD code of the
dialing digits to the LCD driver chip (SC16XX series) or
µC for dialing
number display. Refer to the functional description for the detailed
timing.
CLOCK
O
NMOS OUT
NMOS open drain output. When dialing, it outputs a series of pulse train
for the D
OUT data synchronization. The DOUT data is valid at the falling
edge of clock.
V
DD
I
--
Positive power supply, 2.0V~5.5V for normal operation.
V
SS
I
--
Negative power supply.
FUNCTION DESCRIPTIONS
1. KEYBOARD MATRIX
The
1
C ~ 4
C
and
1
R ~ 4
R make up of a keyboard matrix. Together with a standard 4x4 keyboard, the
keyboard matrix is used for dialing entrance. In addition, the keyboard matrix provides resistor option for different
dialing specification selections. The keyboard arrangement for each of the SC9302 series are listed in KEYBOARD
INFORMATION.


Similar Part No. - SC9302D

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC9301 SEMTECH-SC9301 Datasheet
1Mb / 29P
   10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
SC9301EVB SEMTECH-SC9301EVB Datasheet
1Mb / 29P
   10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
SC9301MLTRT SEMTECH-SC9301MLTRT Datasheet
1Mb / 29P
   10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
logo
Silan Microelectronics ...
SC9308 SILAN-SC9308 Datasheet
1Mb / 16P
   AUDIO SYSTEM CONTROL MCU WITH ANALOG RADIO FUNCTION
SC9308P SILAN-SC9308P Datasheet
1Mb / 16P
   AUDIO SYSTEM CONTROL MCU WITH ANALOG RADIO FUNCTION
More results

Similar Description - SC9302D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9302 HOLTEK-HT9302 Datasheet
284Kb / 27P
   1-Memory/2-Memory Tone/Pulse Dialer
HT9302 HOLTEK-HT9302_09 Datasheet
345Kb / 33P
   1-Memory/2-Memory Tone/Pulse Dialer
HT9202A HOLTEK-HT9202A Datasheet
209Kb / 9P
   1-Memory/2-Memory Tone/Pulse Dialer
HT93214 HOLTEK-HT93214 Datasheet
194Kb / 16P
   1-memory Tone/Pulse Dialer
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
   22-Memory Tone/Pulse Dialer
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
   20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320 Datasheet
382Kb / 30P
   22-Memory Tone/Pulse Dialer
HT9214 HOLTEK-HT9214 Datasheet
1,008Kb / 25P
   15-Memory Tone/Pulse Dialer
HT9312 HOLTEK-HT9312 Datasheet
1Mb / 30P
   12-Memory Tone/Pulse Dialer
HT9315 HOLTEK-HT9315 Datasheet
309Kb / 27P
   15-Memory Tone/Pulse Dialer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com