Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA2700GFBGOFC-PF Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # EA2700GFBGOFC-PF
Description  7.0 x 5.0mm Crystal unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

EA2700GFBGOFC-PF Datasheet(HTML) 1 Page - Advanced Crystal Technology

  EA2700GFBGOFC-PF Datasheet HTML 1Page - Advanced Crystal Technology EA2700GFBGOFC-PF Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
753 SMX‐4 Series
RoHS & REACH compliant
Wide frequency range 
Excellent stability range
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency range
F_nom  6.0MHz ~ 125.0MHz
 
 Frequency tolerance
F_tol  ±10.0ppm ~ ±50.0ppm 
 Frequency stability over operating  temperature range
F_stb  ±10.0ppm ~ ±100.0ppm   Table 2
 Operating temperature range 
T_use  0°C ~ +60°C to ‐40°C ~ +105°C
  Table 2
 Storage temperature 
T_stg  ‐40°C ~ +85°C
 Load capacitance
CL
  8.0pF ~ 30.0pF, series
 Equivalent  series resistance
ESR   Table 1
 Shunt capacitance
C0   7.0pF max
 Drive level
DL   200μW max
  
 Frequency aging
F_age   ±3.0ppm / year max
  
 Moisture sensitivity level
MSL   1 (unlimited)
 Electrostatic discharge
ESD   Not applicable
 Insulation resistance
IR
  500MΩ min
  At 100V DC
 Table 1. Frequency range (MHz) vs ESR
6.0MHz ~ 6.999MHz (Fundamental)
120Ω
7.0MHz ~ 9.999MHz (Fundamental)
70Ω
10.0MHz ~ 11.999MHz (Fundamental)
60Ω
12.0MHz ~ 14.999MHz (Fundamental)
60Ω
15.0MHz ~ 19.999MHz (Fundamental)
50Ω
20.0MHz ~ 34.999MHz (Fundamental)
40Ω
35.0MHz ~ 43.999MHz (3  overtone)
80Ω
44.0MHz ~ 49.999MHz (3  overtone)
60Ω
50.0MHz ~ 79.999MHz (3  overtone)
60Ω
80.0MHz ~ 125.000MHz (3  overtone)
60Ω
 Table 2. Frequency Stability vs Temperature
 Temp. (°C)
 Stability in ppm
±7.5
±10
±15
±20
±30
±50
±100
 ‐10°C ~ 60°C 
√√
√√√
‐10°C ~ 70°C 
√√
√√√
‐20°C ~ 70°C 
√√
√√√
‐30°C ~ 70°C 
√√√
‐20°C ~ 85°C 
√√√
‐30°C ~ 85°C 
√√√
‐40°C ~ 85°C 
√√√
‐40°C ~ 105°C √
7.0 x 5.0mm Crystal unit
 Dimensions (mm)
ACT(A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
7.0±0.2
1
2
3
4
1.2
4.6
5.8
2.0
Land Pattern


Similar Part No. - EA2700GFBGOFC-PF

ManufacturerPart #DatasheetDescription
logo
NEC
EA273WMI-BK NEC-EA273WMI-BK Datasheet
1Mb / 2P
   NEC LCD 27 Desktop Display
More results

Similar Description - EA2700GFBGOFC-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
752-SMX-2 ACT-752-SMX-2 Datasheet
232Kb / 2P
   7.0 x 5.0mm Crystal unit
1/02/2017
logo
Diodes Incorporated
FNETHE025 DIODES-FNETHE025 Datasheet
282Kb / 2P
   Application Specific Crystal Oscillator 7.0 x 5.0mm
Rev F 07/13/12
logo
Abracon Corporation
ABMMC2 ABRACON-ABMMC2 Datasheet
1Mb / 2P
   7.0 x 5.0mm 2 PADS SURFACE MOUNT CRYSTAL
08.20.10
logo
Pericom Semiconductor C...
JX701 PERICOM-JX701 Datasheet
726Kb / 2P
   Ultra Low Jitter PLL Crystal Oscillator 7.0 x 5.0mm
logo
Diodes Incorporated
NX703 DIODES-NX703 Datasheet
649Kb / 2P
   Ultra Low Jitter PLL Crystal Oscillator 7.0 x 5.0mm
Rev B 08/13/14
logo
Golledge Electronics Lt...
GSX-751 GOLLEDGE-GSX-751 Datasheet
576Kb / 6P
   7.0 x 5.0mm High Frequency SM Crystal with Tight Specifications
logo
Pericom Semiconductor C...
FNA000073 PERICOM-FNA000073 Datasheet
252Kb / 3P
   FN Series Crystal Clock Oscillator (XO) Legacy S1613 Series 7.0 x 5.0mm
logo
Transko Electronics, In...
TV75A TRANSKO-TV75A Datasheet
419Kb / 2P
   MINIATURE CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 12-14-2022
logo
Advanced Crystal Techno...
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com