Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVW00003INBHEPC-PF Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # SVW00003INBHEPC-PF
Description  Clock oscillator 32.768kHz, 5.0 x 3.2mm, HCMOS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

SVW00003INBHEPC-PF Datasheet(HTML) 1 Page - Advanced Crystal Technology

  SVW00003INBHEPC-PF Datasheet HTML 1Page - Advanced Crystal Technology SVW00003INBHEPC-PF Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9300WC Series
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency 
F_nom 32.768kHz
 
 Supply voltage
Vcc 1.5V, 1.8V, 2.5V, 3.3V
±5% tolerance
 Frequency stability  
F_stb ±20.0ppm ~ ±100.0ppm
Over operating temperature
 Aging
F_age ±5.0ppm max
25°C, 1  year
 Operating temperature range (°C)
Topr 0°C ~ +70°C to ‐40°C ~ +85°C
Table 1
 Storage temperature (°C)
Tstg ‐55°C ~ +125°C
 Output waveform
HCMOS
 
 Output load
15pF typical
 Output voltage high
Voh 90% Vcc min
 Output voltage low
Vol 10% Vcc max
 Rise time
Tr
200nsec max
 Measured over 10% to 90% of waveform
 Fall time
Tf
200nsec max
 Duty cycle
45%/55%, 40%/60%
 Measured at 50% of waveform
 Current consumption
Icc
Table 2
 
 Start‐up time
T_str 3.0msec max
 
 Moisture sensitive level
MSL 1
 ESD sensitive device
Yes
 
 Tristate 
Pad 1
 70% of Vcc min to Enable Output
 30% of Vcc max to disable output ‐ high imp.
Clock oscillator 32.768kHz, 5.0 x 3.2mm, HCMOS
REACH and RoHS compliant
AT cut crystal provides high stability 
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
 Table 2. Current consumption (mA max)
 Frequency  (MHz)
Supply voltage
1.5V
1.8V
2.5V
3.3V
 32.768kHz
0.7mA
0.7mA
1.5mA
1.5mA
 Table 1. Frequency stabilities vs Operating temperature range
 Temperature (°C)
±15.0
±20.0
±25.0
±30.0
±50.0
±100.0
0 ~ +70
Enq.
√√
‐10 ~ +70
Enq.
√√
‐20 ~ +70
Enq.
√√
‐30 ~ +85
Enq.
√√
‐40 ~ +85
Enq.
√√
Dimensions(Unit:mm)
Pad 1 : Tri‐state
Pad 2 : Ground
Pad 3 : Output
Pad 4 : Supply voltage
5.0±0.2
1.2
1.4
2.54
2.54
1
2
3
4
Land pattern
1
2
3
4


Similar Description - SVW00003INBHEPC-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
   Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
   HCMOS 32.768kHz SMD Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC53 FOX-FXO-HC53 Datasheet
364Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
   HCMOS 5 x 3.2mm 2.5V Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-200 ETC2-FXO-HC536R-200 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC536R-30 FOX-FXO-HC536R-30 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
   HCMOS 32.768kHz SMD Oscillator
O3HK FOX-O3HK Datasheet
263Kb / 5P
   HCMOS 32.768kHz 3.2x2.5mm Oscillator
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com