Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S30RBE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S30RBE
Description  Center Tap Chip Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S30RBE Datasheet(HTML) 2 Page - Vishay Siliconix

  S30RBE Datasheet HTML 1Page - Vishay Siliconix S30RBE Datasheet HTML 2Page - Vishay Siliconix S30RBE Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 60073
Revision 01-May-03
www.vishay.com
166
S30R / A30R, S30V / A30V
Vishay Thin Film
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
SUBSTRATE
ALUMINA1
SILICON
Thickness (Mils)
10
± 2
14
± 2
Isolation Layer
None
SiO
2 (10,000 Å Min.)
Metallization
Gold (15,000 Å)
Gold (15,000 Å)
Die Size (X)
30 x 30
± 3 MIL
30 x 30
± 3 MIL
Terminations
4 Mils Square Min.
4 Mils Square Min.
Packaging Standard 2" Square Waffle Pack (400 Max. per Package)
DIMENSIONS
1
Alumina has the benefit of the higher thermal conductivity
and superior high frequency characteristics, however the
resistance range is limited by the poorer line resolution
versus silicon, because of the surface finish.
Visual Criteria
MIL-STD-833 Method 2032 Class H
Thermal Shock (MIL-STD-202, Method 107, Test Condition C)
0.05% Max.
∆R/R (0.02% Typical)
High Temperature Exposure (125
°C, 100 Hours in Air)
0.10% Max.
∆R/R (0.07% Typical)
Low Temperature Operation (MIL-PRF-55342 Paragraph 4.7.4)
0.05% Max.
∆R/R (0.025% Typical)
Moisture Resistance (MIL-STD-202 Method 106)
0.25% Max.
∆R/R (0.05% Typical)
Short Time Overload (5 x Rated Power 25
°C, 5 sec.)
0.25% Max.
∆R/R (0.05% Typical)
Resistance Ratio Accuracy
± 2% Standard or ± 0.1 ohm whichever is greater (0.05% available)
Resistive Element
Tamelox®
Termination Pads
Gold
Substrate Material
Silicon or Alumina
T
X
X
Center Tap Chip Resistor
MECHANICAL SPECIFICATIONS
FULL LOT TRACEABILITY TO WAFER LEVEL


Similar Part No. - S30RBE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S30RW3FF200 ETC2-S30RW3FF200 Datasheet
842Kb / 7P
   Sensors - ac-Voltage
logo
Banner Engineering Corp...
S30RW3FF200 BANNER-S30RW3FF200 Datasheet
341Kb / 7P
   S30 Sensors AC-Voltage Series
logo
List of Unclassifed Man...
S30RW3FF400 ETC2-S30RW3FF400 Datasheet
842Kb / 7P
   Sensors - ac-Voltage
logo
Banner Engineering Corp...
S30RW3FF400 BANNER-S30RW3FF400 Datasheet
341Kb / 7P
   S30 Sensors AC-Voltage Series
logo
List of Unclassifed Man...
S30RW3FF600 ETC2-S30RW3FF600 Datasheet
842Kb / 7P
   Sensors - ac-Voltage
More results

Similar Description - S30RBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS33 VISHAY-CS33 Datasheet
71Kb / 3P
   Dual Value Chip Resistor, Center Tap
Revision 27-Apr-01
TA33 VISHAY-TA33 Datasheet
189Kb / 3P
   Dual Value, Chip Resistor Center Tap
Revision 24-Feb-06
RMK33N VISHAY-RMK33N Datasheet
114Kb / 2P
   Dual Value Chip Resistor, Center Tap
Revision 22-Jul-03
CS33 VISHAY-CS33_08 Datasheet
89Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
TA33 VISHAY-TA33_08 Datasheet
89Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
RMK33N VISHAY-RMK33N_08 Datasheet
96Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
RSK33N VISHAY-RSK33N Datasheet
96Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
logo
EIC discrete Semiconduc...
CT1500 EIC-CT1500 Datasheet
44Kb / 2P
   CENTER TAP DIODES
CT1500R EIC-CT1500R Datasheet
40Kb / 2P
   CENTER TAP DIODES
logo
Sangdest Microelectroni...
301CNQ_SERIES SMC-301CNQ_SERIES Datasheet
206Kb / 4P
   Center tap module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com