Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNSQ20URC Datasheet(PDF) 8 Page - Inolux Corporation

Part # HNSQ20URC
Description  0.2 Four Digit Numeric SMD Display
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSQ20URC Datasheet(HTML) 8 Page - Inolux Corporation

Back Button HNSQ20URC Datasheet HTML 4Page - Inolux Corporation HNSQ20URC Datasheet HTML 5Page - Inolux Corporation HNSQ20URC Datasheet HTML 6Page - Inolux Corporation HNSQ20URC Datasheet HTML 7Page - Inolux Corporation HNSQ20URC Datasheet HTML 8Page - Inolux Corporation HNSQ20URC Datasheet HTML 9Page - Inolux Corporation HNSQ20URC Datasheet HTML 10Page - Inolux Corporation HNSQ20URC Datasheet HTML 11Page - Inolux Corporation HNSQ20URC Datasheet HTML 12Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
0.2” Four Digit
Numeric SMD Display
HNSQ20 Series
Official Product
HNSQ20 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSQ20 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 15, 2013
Version of 1.0
Page
8/18
Electrical and Optical Characteristic
(Ta= 25°C )
Product
Emission
Color
IF (mA)
VF (V)
λ (nm)
IV (mcd)
IR (µA)
Typ.
Max.
λd
Δλ
Typ.
Max
HNSQ20UBA/
HNSQ20UBC
Blue
20
3.2
4.0
470
30
20
10
(VR=8V)
HNSQ20TGA/
HNSQ20TGC
True
Green
20
3.2
4.0
525
30
50
10
(VR=8V)
HNSQ20UYGA/
HNSQ20UYGC
Yellow
Green
20
2.1
2.6
570
20
6.0
10
(VR=5V)
HNSQ20UYA/
HNSQ20UYC
Yellow
20
2.0
2.6
590
20
12
10
(VR=5V)
HNSQ20UAA/
HNSQ20UAC
Amber
20
2.0
2.6
610
20
12
10
(VR=5V)
HNSQ20URA/
HNSQ20URC
Hyper
Red
20
2.0
2.6
625
20
12
10
(VR=5V)
HNSQ20USRA/
HNSQ20USRC
Super
Red
20
2.0
2.6
640
20
2
10
(VR=5V)
Luminous Intensity tolerance = +/- 15%


Similar Part No. - HNSQ20URC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSQ28 INOLUX-HNSQ28 Datasheet
10Mb / 18P
   0.28 Four Digit Numeric SMD Display
HNSQ28TGA INOLUX-HNSQ28TGA Datasheet
10Mb / 18P
   0.28 Four Digit Numeric SMD Display
HNSQ28TGC INOLUX-HNSQ28TGC Datasheet
10Mb / 18P
   0.28 Four Digit Numeric SMD Display
HNSQ28UAA INOLUX-HNSQ28UAA Datasheet
10Mb / 18P
   0.28 Four Digit Numeric SMD Display
HNSQ28UAC INOLUX-HNSQ28UAC Datasheet
10Mb / 18P
   0.28 Four Digit Numeric SMD Display
More results

Similar Description - HNSQ20URC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNST20 INOLUX-HNST20 Datasheet
10Mb / 18P
   0.2 Triple Digit Numeric SMD Display
HNSS20 INOLUX-HNSS20 Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNSQ51 INOLUX-HNSQ51 Datasheet
11Mb / 19P
   0.51 Four Digit Numeric SMD Display
HNSQ30 INOLUX-HNSQ30 Datasheet
10Mb / 18P
   0.3 Four Digit Numeric SMD Display
HNSQ40 INOLUX-HNSQ40 Datasheet
11Mb / 19P
   0.4 Four Digit Numeric SMD Display
HNSQ56 INOLUX-HNSQ56 Datasheet
11Mb / 19P
   0.56 Four Digit Numeric SMD Display
HNSQ39 INOLUX-HNSQ39 Datasheet
11Mb / 19P
   0.39 Four Digit Numeric SMD Display
HNSQ80 INOLUX-HNSQ80 Datasheet
11Mb / 19P
   0.8 Four Digit Numeric SMD Display
HNSQ28 INOLUX-HNSQ28 Datasheet
10Mb / 18P
   0.28 Four Digit Numeric SMD Display
logo
BetLux Electronics
BL-SS20A-11 BETLUX-BL-SS20A-11 Datasheet
276Kb / 5P
   5.08mm (0.2) Single digit numeric series, SMD DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com