Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNSQ20TGC Datasheet(PDF) 2 Page - Inolux Corporation

Part # HNSQ20TGC
Description  0.2 Four Digit Numeric SMD Display
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSQ20TGC Datasheet(HTML) 2 Page - Inolux Corporation

  HNSQ20TGC Datasheet HTML 1Page - Inolux Corporation HNSQ20TGC Datasheet HTML 2Page - Inolux Corporation HNSQ20TGC Datasheet HTML 3Page - Inolux Corporation HNSQ20TGC Datasheet HTML 4Page - Inolux Corporation HNSQ20TGC Datasheet HTML 5Page - Inolux Corporation HNSQ20TGC Datasheet HTML 6Page - Inolux Corporation HNSQ20TGC Datasheet HTML 7Page - Inolux Corporation HNSQ20TGC Datasheet HTML 8Page - Inolux Corporation HNSQ20TGC Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
0.2” Four Digit
Numeric SMD Display
HNSQ20 Series
Official Product
HNSQ20 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSQ20 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 15, 2013
Version of 1.0
Page
2/18
DISCLAIMER......................................................................................................................................... 3 
ORDERABLE INFORMATION ........................................................................................................... 4 
FEATURES.............................................................................................................................................. 5 
SCHEMATIC DRAWING...................................................................................................................... 6 
PRODUCT CHARACTERISTIC.......................................................................................................... 7 
ABSOLUTE MAXIMUM RATING ................................................................................................... 7 
ELECTRICAL AND OPTICAL CHARACTERISTIC............................................................................. 8 
RECOMMENDED SOLDER FOOTPRINT ........................................................................................ 9 
CHARACTERISTIC CURVES FOR UB......................................................................................... 10 
CHARACTERISTIC CURVES FOR TG ..........................................................................................11 
CHARACTERISTIC CURVES FOR UYG ...................................................................................... 12 
CHARACTERISTIC CURVES FOR UY ......................................................................................... 13 
CHARACTERISTIC CURVES FOR UA......................................................................................... 14 
CHARACTERISTIC CURVES FOR UR......................................................................................... 15 
CHARACTERISTIC CURVES FOR USR ...................................................................................... 16 
REFLOW SOLDERING ...................................................................................................................... 17 
SOLDERING IRON ............................................................................................................................. 17 
REWORK .............................................................................................................................................. 17 
REVISION HISTORY.......................................................................................................................... 18 


Similar Part No. - HNSQ20TGC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSQ28 INOLUX-HNSQ28 Datasheet
10Mb / 18P
   0.28 Four Digit Numeric SMD Display
HNSQ28TGA INOLUX-HNSQ28TGA Datasheet
10Mb / 18P
   0.28 Four Digit Numeric SMD Display
HNSQ28TGC INOLUX-HNSQ28TGC Datasheet
10Mb / 18P
   0.28 Four Digit Numeric SMD Display
HNSQ28UAA INOLUX-HNSQ28UAA Datasheet
10Mb / 18P
   0.28 Four Digit Numeric SMD Display
HNSQ28UAC INOLUX-HNSQ28UAC Datasheet
10Mb / 18P
   0.28 Four Digit Numeric SMD Display
More results

Similar Description - HNSQ20TGC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNST20 INOLUX-HNST20 Datasheet
10Mb / 18P
   0.2 Triple Digit Numeric SMD Display
HNSS20 INOLUX-HNSS20 Datasheet
8Mb / 18P
   0.2 Single Digit Numeric SMD Display
HNSQ51 INOLUX-HNSQ51 Datasheet
11Mb / 19P
   0.51 Four Digit Numeric SMD Display
HNSQ30 INOLUX-HNSQ30 Datasheet
10Mb / 18P
   0.3 Four Digit Numeric SMD Display
HNSQ40 INOLUX-HNSQ40 Datasheet
11Mb / 19P
   0.4 Four Digit Numeric SMD Display
HNSQ56 INOLUX-HNSQ56 Datasheet
11Mb / 19P
   0.56 Four Digit Numeric SMD Display
HNSQ39 INOLUX-HNSQ39 Datasheet
11Mb / 19P
   0.39 Four Digit Numeric SMD Display
HNSQ80 INOLUX-HNSQ80 Datasheet
11Mb / 19P
   0.8 Four Digit Numeric SMD Display
HNSQ28 INOLUX-HNSQ28 Datasheet
10Mb / 18P
   0.28 Four Digit Numeric SMD Display
logo
BetLux Electronics
BL-SS20A-11 BETLUX-BL-SS20A-11 Datasheet
276Kb / 5P
   5.08mm (0.2) Single digit numeric series, SMD DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com