Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC91415CK Datasheet(PDF) 11 Page - Silan Microelectronics Joint-stock

Part # SC91415CK
Description  TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC91415CK Datasheet(HTML) 11 Page - Silan Microelectronics Joint-stock

Back Button SC91415CK Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91415CK Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91415CK Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC91415CK Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC91415CK Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC91415CK Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC91415CK Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC91415CK Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC91415CK Datasheet HTML 15Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Silan
Semiconductors
SC91415 SERIES
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-13
11
D) Handfree (HF) function
The handfree function is designed to support on-hook dialing and loudspeaker application which can be turn “on” or
“off” with falling edge signal from
HFI pin. During handfree function is executed, the HFO pin is switched to “high”.
Otherwise the HFO pin stays “low” level. One of the following operations can turn off Handfree function (HFO pin
return to “Low”).
* On-off hook once.
* Trigger
HFI pin with falling edge signal.
* Turn on Hold (HD) function. (HDO pin switched to “High”)
E) Hold (HD) function
The Hold function is designed to stop conversation temporarily. In off-hook state (or HF function is turned on), to
press HD key on the keyboard, the Hold function can be turned “on” (HDO pin switched to “High”). One of the
following operations can turn off Hold function (HDO pin switched to “Low”).
* On-off hook once.
* To press HD key over 280 ms.
* Turn on Handfree (HF) function. (HFO pin switched to “High”)
Special Note
A 300 ms delay time (Tdly) at the first Off-Hook or turn on Handfree that is a special designed to avoid a rapid key
entry (dummy number ) in this time duration ,and a long distance call number follows. For example,
Off-Hook , “3” ,.................... , “0” ,1,2,3......
Dummy key
Lock number key
The dummy number “3” is not detected by the centered office or PABX ,but the following numbers “0” ,1,2,3... long
distance call can be dialed out normally since the leading number “3” is not the Lock-number defined in SC91415
series. To prevent the unavoidable long distance call, then SC91415 inhibits the key entry during Tdly.
F) Operating
flow chart
1
On-hook State
2
Off-hook State
3
Off-hook
Handfree State
4
On-hook
Handfree State
5
Off-hook
Holdline State
6
On-hook
Holdline State
HF
HF
HF
HD
HD
HF
HD
HD
HD
HF
HF
HKS=Hi
HKS=Lo
HKS=Hi
HKS=Lo
HKS=Hi
HKS=Lo
Note :
HF= Handfree,
HD = Hold


Similar Part No. - SC91415CK

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC91415CGP FUMAN-SC91415CGP Datasheet
677Kb / 19P
   Telephone dialing IC
More results

Similar Description - SC91415CK

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91410 EMC-EM91410 Datasheet
175Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91403 EMC-EM91403 Datasheet
174Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401 EMC-EM91401 Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91440 EMC-EM91440 Datasheet
175Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91420 EMC-EM91420 Datasheet
175Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91415 EMC-EM91415 Datasheet
186Kb / 25P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91215 EMC-EM91215 Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91210 EMC-EM91210 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203 EMC-EM91203 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com