Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX2700IFMBOFD-PF Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # CX2700IFMBOFD-PF
Description  2.0 x 1.6mm crystal unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

CX2700IFMBOFD-PF Datasheet(HTML) 2 Page - Advanced Crystal Technology

  CX2700IFMBOFD-PF Datasheet HTML 1Page - Advanced Crystal Technology CX2700IFMBOFD-PF Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2016 SMX‐4 Series
2.0 x 1.6mm Crystal unit
Drawing control: (Internal use only)
Commodity code: 854160 00 00
Issue number: N2
Date: 01/2/2017
Internal reference: H2
Solder Reflow Profile
Additional information
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
Temp.( °C)
Time (sec.)
180 ± 10°C
90~120 sec. max
0.45 in
260 ± 5°C
10 sec. max
300
250
200
150
100
50
0
220 ± 10°C
30~40 sec. max


Similar Part No. - CX2700IFMBOFD-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
CX2700-RF-GOMEFD-PF ACT-CX2700-RF-GOMEFD-PF Datasheet
178Kb / 1P
   2.0 x 1.6mm crystal unit
CX2700-RF-GOMEFL-PF ACT-CX2700-RF-GOMEFL-PF Datasheet
178Kb / 1P
   2.0 x 1.6mm crystal unit
CX2700-RF-JOMEFD-PF ACT-CX2700-RF-JOMEFD-PF Datasheet
178Kb / 1P
   2.0 x 1.6mm crystal unit
CX2700-RF-JOMEFL-PF ACT-CX2700-RF-JOMEFL-PF Datasheet
178Kb / 1P
   2.0 x 1.6mm crystal unit
CX2700-RF-KOMEFD-PF ACT-CX2700-RF-KOMEFD-PF Datasheet
178Kb / 1P
   2.0 x 1.6mm crystal unit
More results

Similar Description - CX2700IFMBOFD-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
2016H-SMX-4 ACT-2016H-SMX-4 Datasheet
178Kb / 1P
   2.0 x 1.6mm crystal unit
logo
Vectron International, ...
VXM9 VECTRON-VXM9 Datasheet
405Kb / 3P
   2.0 x 1.6mm Crystal
logo
Fox Electronics
C1BA FOX-C1BA Datasheet
268Kb / 2P
   2.0 x 1.6mm Auto Grade Crystal
C1BQ FOX-C1BQ Datasheet
292Kb / 2P
   2.0 x 1.6mm Ceramic SMD Crystal
logo
Advanced Crystal Techno...
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
   TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
TWC912 ACT-TWC912 Datasheet
225Kb / 2P
   2.0 x 1.2mm Watch crystal
1/02/2017
752-SMX-2 ACT-752-SMX-2 Datasheet
232Kb / 2P
   7.0 x 5.0mm Crystal unit
1/02/2017
753-SMX-4 ACT-753-SMX-4 Datasheet
236Kb / 2P
   7.0 x 5.0mm Crystal unit
1/02/2017
1612H-SMX-4 ACT-1612H-SMX-4 Datasheet
179Kb / 1P
   1.6 x 1.2mm Crystal unit
1/2/2017
2520H-SMX-4 ACT-2520H-SMX-4 Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com