Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVA00003HNCGSEPC-PF Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # SVA00003HNCGSEPC-PF
Description  Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

SVA00003HNCGSEPC-PF Datasheet(HTML) 1 Page - Advanced Crystal Technology

  SVA00003HNCGSEPC-PF Datasheet HTML 1Page - Advanced Crystal Technology SVA00003HNCGSEPC-PF Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9325AWC Series
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency 
F_nom  32.768kHz
 
 Supply voltage
Vcc 1.5V, 1.8V, 2.5V, 3.3V
±5% tolerance
 Frequency stability  
F_stb ±20.0ppm ~ ±100.0ppm
Over operating temperature range
 Aging
F_age ±5.0ppm max
25°C, 1  year
 Operating temperature range (°C)
Topr 0°C ~ +70°C to ‐40°C ~ +85°C
Table 1
 Storage temperature (°C)
Tstg ‐55°C ~ +125°C
 Output waveform
HCMOS
 
 Output load
15pF typical
 Output voltage high
Voh 90% Vcc min
 Output voltage low
Vol 10% Vcc max
±10% tolerance
 Rise time
Tr
200.0nsec (max)
Measured over 10% to 90% of waveform
 Fall time
Tf
200.0nsec (max) 
 Duty cycle
45%/55%, 40%/60%
Measured at 50% of waveform
 Current consumption
Icc
Table 2
 
 Start‐up time
T_str 3.0msec max
 
 Moisture sensitive level
MSL 1
 ESD sensitive device
Yes
 
 Tristate 
Pad 1
70% of Vcc min to Enable Output
30% of Vcc max to disable output ‐ high imp.
Pad 1 : Tri‐state
Pad 2 : Ground
Pad 3 : Output
Pad 4 : Supply voltage
Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
Dimensions(Unit:mm)
REACH and RoHS compliant
AT cut crystal provide high stability 
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
 Table 2. Current consumption (mA max)
 Frequency 
Supply voltage
1.5V,1.8V
2.5V,3.3V
32.768kHz
0.7mA
1.5mA
3.2±0.1
1
2
3
4
1.2
1.4
2.2
 Table 1. Frequency stabilities vs Operating temperature range
 Temperature (°C)
 Frequency stability (ppm)
±20.0
±25.0
±30.0
±50.0
±100.0
0 ~ +70
√√√
‐10 ~ +70
√√√
‐20 ~ +70
√√√
‐30 ~ +85
√√√
‐40 ~ +85
√√√
0.9
1
2
3
4
Land pattern


Similar Part No. - SVA00003HNCGSEPC-PF

ManufacturerPart #DatasheetDescription
logo
ETA-USA
SVA05-SC12 ETA-USA-SVA05-SC12 Datasheet
2Mb / 3P
   25W ??Isolated Power Supply
SVA05SA ETA-USA-SVA05SA Datasheet
684Kb / 4P
   25 WATT AC-DC CONVERTER SVA-SA SERIES
SVA05SB ETA-USA-SVA05SB Datasheet
553Kb / 3P
   25 WATT AC-DC CONVERTER
logo
List of Unclassifed Man...
SVA05SC24 ETC1-SVA05SC24 Datasheet
205Kb / 2P
   25 WATT DC-DC CONVERTER
logo
ETA-USA
SVA05SD ETA-USA-SVA05SD Datasheet
2Mb / 3P
   25W Isolated Power Supply
More results

Similar Description - SVA00003HNCGSEPC-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TCME32 ACT-TCME32 Datasheet
598Kb / 2P
   32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
   HCMOS 3.2 x 2.5mm 3.3V Oscillator
FXO-HC32 FOX-FXO-HC32 Datasheet
1Mb / 24P
   HCMOS 3.2 x 2.5mm 2.5V Oscillator
logo
Advanced Crystal Techno...
9300WC ACT-9300WC Datasheet
196Kb / 2P
   Clock oscillator 32.768kHz, 5.0 x 3.2mm, HCMOS
1/2/2017
logo
EUROQUARTZ limited
EM32T EUROQUARTZ-EM32T Datasheet
141Kb / 1P
   HCMOS TCXO 3.2 x 2.5mm SMD
logo
MTRONPTI
M2532 MTRONPTI-M2532 Datasheet
216Kb / 1P
   2.5 x 3.2 mm, 3.3 Volt, HCMOS, Clock Oscillator
M2532 MTRONPTI-M2532 Datasheet
322Kb / 1P
   2.5 x 3.2 mm, 3.3 Volt, HCMOS, Clock Oscillator
logo
Fox Electronics
FXO-LC32 FOX-FXO-LC32 Datasheet
1Mb / 16P
   LVDS 3.2 x 2.5mm 2.5V Oscillator
logo
Advanced Crystal Techno...
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
logo
Fox Electronics
FXO-LC33 FOX-FXO-LC33 Datasheet
852Kb / 16P
   LVDS 3.2 x 2.5mm 3.3V Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com