Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CW2700GILGOFD-PF Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # CW2700GILGOFD-PF
Description  2.5 x 2.0mm Crystal unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

CW2700GILGOFD-PF Datasheet(HTML) 2 Page - Advanced Crystal Technology

  CW2700GILGOFD-PF Datasheet HTML 1Page - Advanced Crystal Technology CW2700GILGOFD-PF Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2205 SMX‐4 Series
2.5 x 2.0mm Crystal unit
Drawing control: (Internal use only)
Commodity code: 854160 00 00
Issue number: N1
Date: 1/02/2017
Internal reference: H2
Solder Reflow Profile
Additional information
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
Temp.( °C)
Time (sec.)
180 ± 10°C
90~120 sec. max
0.45 in
260 ± 5°C
10 sec. max
300
250
200
150
100
50
0
220 ± 10°C
30~40 sec. max


Similar Part No. - CW2700GILGOFD-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
CW2700-RF-GOMGOEFD-PF ACT-CW2700-RF-GOMGOEFD-PF Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
CW2700-RF-GOMGOEFL-PF ACT-CW2700-RF-GOMGOEFL-PF Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
CW2700-RF-JOMGOEFD-PF ACT-CW2700-RF-JOMGOEFD-PF Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
CW2700-RF-JOMGOEFL-PF ACT-CW2700-RF-JOMGOEFL-PF Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
CW2700-RF-KOMGOEFD-PF ACT-CW2700-RF-KOMGOEFD-PF Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
More results

Similar Description - CW2700GILGOFD-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
2520H-SMX-4 ACT-2520H-SMX-4 Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
logo
Vectron International, ...
VXM8 VECTRON-VXM8 Datasheet
388Kb / 3P
   2.5 x 2.0mm Crystal
logo
Fox Electronics
C2BS FOX-C2BS Datasheet
215Kb / 2P
   2.5 x 2.0mm SMD Crystal
logo
Golledge Electronics Lt...
GSX-321 GOLLEDGE-GSX-321_18 Datasheet
599Kb / 5P
   Miniature 2.5 x 2.0mm SM Crystal
logo
Fox Electronics
C2BA FOX-C2BA Datasheet
270Kb / 2P
   2.5 x 2.0mm Auto Grade Crystal
logo
AEL Crystals Ltd
SMD AEL-SMD Datasheet
85Kb / 1P
   2.5 x 2.0mm SMD Crystal Resonator
logo
Golledge Electronics Lt...
GSX-323 GOLLEDGE-GSX-323 Datasheet
589Kb / 6P
   Miniature 2.5 x 2.0mm SM Crystal
logo
TAITIEN ELECTRONICS CO....
XO-0154-OY-TYPE TAITIEN-XO-0154-OY-TYPE Datasheet
344Kb / 1P
   2.5 x 2.0mm SMD CMOS Output Crystal Oscillator
logo
Transko Electronics, In...
TV22A TRANSKO-TV22A Datasheet
597Kb / 2P
   MINIATURE CERAMIC SMD VCXO (2.5 x 2.0mm)
Rev. 2: Nov. 2015
logo
Advanced Crystal Techno...
TX25SA ACT-TX25SA Datasheet
650Kb / 2P
   TCXO, 2.5 x 2.0mm, Clipped sine wave
24062016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com