Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PET3-4812Z41LF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # PET3-4812Z41LF
Description  1.5 or 3.5 KV DC I/O Isolation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PET3-4812Z41LF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  PET3-4812Z41LF Datasheet HTML 1Page - PEAK electronics GmbH PET3-4812Z41LF Datasheet HTML 2Page - PEAK electronics GmbH PET3-4812Z41LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PMJ-Series – PET3-xxxxE/Z4:1(H35)(M)LF – Single and Dual Output – DIP24 – Plastic/Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single/Dual Output
Order #
Inpu
t Vo
ltag
e (V
DC)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Vol
tage
(VD
C)
Out
put
Cur
rent
Min
. Lo
ad (
mA
)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT
PET3-243R3E4:1LF
9-36
16
165
3.3
0
900
75
680
PET3-2405E4:1LF
9-36
16
160.3
5
0
600
78
470
PET3-2409E4:1LF
9-36
16
156.3
9
0
333
80
100
PET3-2412E4:1LF
9-36
16
156.3
12
0
250
80
68
PET3-2415E4:1LF
9-36
16
156.3
15
0
200
80
47
PET3-2424E4:1LF
9-36
16
156.3
24
0
125
80
22
PET3-483R3E4:1LF
18-72
14
82.5
3.3
0
900
75
680
PET3-4805E4:1LF
18-72
14
80.1
5
0
600
78
470
PET3-4809E4:1LF
18-72
14
78.1
9
0
333
80
100
PET3-4812E4:1LF
18-72
14
78.1
12
0
250
80
68
PET3-4815E4:1LF
18-72
14
78.1
15
0
200
80
47
PET3-4824E4:1LF
18-72
14
78.1
24
0
125
80
22
DUAL OUTPUT
PET3-243R3Z4:1LF
9-36
16
165
± 3.3
0
± 454
75
± 330
PET3-2405Z4:1LF
9-36
16
160.3
± 5
0
± 300
78
± 220
PET3-2409Z4:1LF
9-36
16
156.3
± 9
0
± 166
80
± 47
PET3-2412Z4:1LF
9-36
16
156.3
± 12
0
± 125
80
± 33
PET3-2415Z4:1LF
9-36
16
156.3
± 15
0
± 100
80
± 22
PET3-2424Z4:1LF
9-36
16
156.3
± 24
0
± 63
80
± 10
PET3-483R3Z4:1LF
18-72
14
83.3
± 3.3
0
± 454
75
± 330
PET3-4805Z4:1LF
18-72
14
80.1
± 5
0
± 300
78
± 220
PET3-4809Z4:1LF
18-72
14
78.1
± 9
0
± 166
80
± 47
PET3-4812Z4:1LF
18-72
14
78.1
± 12
0
± 125
80
± 33
PET3-4815Z4:1LF
18-72
14
78.1
± 15
0
± 100
80
± 22
PET3-4824Z4:1LF
18-72
14
78.1
± 24
0
± 63
80
± 10
If you need other specifications, please enquire.
* For optional 3.5kV DC I/O Isolation, please add “H35” before (M)LF!
Example: PET3-1205Z2:1H35LF for 3.5kV
** For optional metal case, please add “M” before LF!
Example: PET3-1205Z2:1H35MLF for metal case


Similar Part No. - PET3-4812Z41LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PET ETC-PET Datasheet
95Kb / 1P
   PM Eddy-Current Torque Controller
PET-1.2 ETC-PET-1.2 Datasheet
95Kb / 1P
   PM Eddy-Current Torque Controller
PET-10 ETC-PET-10 Datasheet
95Kb / 1P
   PM Eddy-Current Torque Controller
logo
Micro Electronics
PET-1823 MICRO-ELECTRONICS-PET-1823 Datasheet
405Kb / 2P
   MODEM TRANSFORMER
PET-1825 MICRO-ELECTRONICS-PET-1825 Datasheet
405Kb / 2P
   MODEM TRANSFORMER
More results

Similar Description - PET3-4812Z41LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PSD1-B-3R305Z PEAK-PSD1-B-3R305Z Datasheet
350Kb / 4P
   1.5 kV - 3 kV DC I/O Isolation
PSD1-A-3R33R3E PEAK-PSD1-A-3R33R3E Datasheet
387Kb / 3P
   1.5 kV - 3 kV DC I/O Isolation
PSD2-A-053R3E PEAK-PSD2-A-053R3E Datasheet
358Kb / 4P
   1.5 kV - 3 kV DC I/O Isolation
P15VG-123R3E21LF PEAK-P15VG-123R3E21LF Datasheet
154Kb / 4P
   1.6 kV DC I/O Isolation
P14SG-053R3ELF PEAK-P14SG-053R3ELF Datasheet
149Kb / 3P
   1 - 6 kV DC I/O Isolation
P8TG-123R3E21H35 PEAK-P8TG-123R3E21H35 Datasheet
214Kb / 2P
   3.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
P8TG-123R3Z21H35 PEAK-P8TG-123R3Z21H35 Datasheet
213Kb / 2P
   3.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-243R3E41H35 PEAK-P8TG-243R3E41H35 Datasheet
214Kb / 2P
   3.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
P8TG-243R3E41H35M PEAK-P8TG-243R3E41H35M Datasheet
227Kb / 2P
   3.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
logo
Artesyn Technologies
AEE ARTESYN-AEE Datasheet
659Kb / 3P
   1500 Vdc I/O isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com