Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P26NG-2405Z21LF Datasheet(PDF) 4 Page - PEAK electronics GmbH

Part # P26NG-2405Z21LF
Description  Single and Dual Reg Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P26NG-2405Z21LF Datasheet(HTML) 4 Page - PEAK electronics GmbH

  P26NG-2405Z21LF Datasheet HTML 1Page - PEAK electronics GmbH P26NG-2405Z21LF Datasheet HTML 2Page - PEAK electronics GmbH P26NG-2405Z21LF Datasheet HTML 3Page - PEAK electronics GmbH P26NG-2405Z21LF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PMB-Series
– P(C)26NG-xxxxE/Z2:1LF – Single / Dual Output – SIP8 - Plastic Case
Specification can change without a notice
– We accept no liability for any inaccuracy or printing errors.
Page 4/4
App Notes
Test Configurations
C1
C2 & C3
L
C4 & C5
P26NG-05xxE/Z2:1LF
Electrolytic capacitor
220uF/100V
MLCC 22uF/25V
10uH
MLCC 220pF/3KV
P26NG-12xxE/Z2:1LF
-
MLCC 10uF/50V
10uH
MLCC 220pF/3KV
P26NG-24xxE/Z2:1LF
-
MLCC 10uF/50V
10uH
MLCC 220pF/3KV
P26NG-48xxE/Z2:1LF
-
MLCC 2.2uF/100V
10uH
MLCC 220pF/3KV
EMC Specifications
Radiated Emissions
EN55022
Class A
Conducted Emissions
EN55022
Class A
Input filter components are required to help meeting conducted
emission class A, which application refer to the EMI Filter of
design & feature configuration.
ESD
IEC 61000-4-2
Perf. Criteria A
RS
IEC 61000-4-3
Perf. Criteria A
EFT
IEC 61000-4-4
Perf. Criteria A
An external filter capacitor is required if the module has to meet
IEC61000-4-4 and IEC61000-4-5.
Surge
IEC 61000-4-5
Perf. Criteria A
CS
IEC 61000-4-6
Perf. Criteria A
PFMF
IEC 61000-4-8
Perf. Criteria A
The Remote on/off control:
ON:
open or high impedance
OFF:
2
– 4 mA input current (via 1kOhm)
Off stand by input current (Nominal Vin): 2.5mA


Similar Part No. - P26NG-2405Z21LF

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P26 FERROXCUBE-P26 Datasheet
84Kb / 8P
   P cores and accessories
P26-3C81 FERROXCUBE-P26-3C81 Datasheet
52Kb / 4P
   P cores and accessories
P26-3C81-A1000 FERROXCUBE-P26-3C81-A1000 Datasheet
52Kb / 4P
   P cores and accessories
P26-3C81-A315 FERROXCUBE-P26-3C81-A315 Datasheet
52Kb / 4P
   P cores and accessories
P26-3C81-A400 FERROXCUBE-P26-3C81-A400 Datasheet
52Kb / 4P
   P cores and accessories
More results

Similar Description - P26NG-2405Z21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P34TG-243R3E51M PEAK-P34TG-243R3E51M Datasheet
274Kb / 4P
   Single and Dual Reg. Output
PC14NG-123R3E41LF PEAK-PC14NG-123R3E41LF Datasheet
138Kb / 3P
   Single and Dual Reg. Output
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
   SINGLE and DUAL Output
logo
Arch Electronics Corp.
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
   Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
   Single and Dual Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
   Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
   Single and Dual Output
logo
Wall Industries,Inc.
MM12S3.3-5500 WALL-MM12S3.3-5500 Datasheet
236Kb / 8P
   Single and Dual Output
logo
PEAK electronics GmbH
P48WG-243R3E41LF PEAK-P48WG-243R3E41LF Datasheet
101Kb / 4P
   Single and Dual Output
PEA1-0505ELF PEAK-PEA1-0505ELF Datasheet
149Kb / 3P
   Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com