Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P26NG-0515Z21LF Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # P26NG-0515Z21LF
Description  Single and Dual Reg Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P26NG-0515Z21LF Datasheet(HTML) 3 Page - PEAK electronics GmbH

  P26NG-0515Z21LF Datasheet HTML 1Page - PEAK electronics GmbH P26NG-0515Z21LF Datasheet HTML 2Page - PEAK electronics GmbH P26NG-0515Z21LF Datasheet HTML 3Page - PEAK electronics GmbH P26NG-0515Z21LF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PMB-Series
– P(C)26NG-xxxxE/Z2:1LF – Single / Dual Output – SIP8 - Plastic Case
Specification can change without a notice
– We accept no liability for any inaccuracy or printing errors.
Page 3/4
Package / Pinning / Derating
0.50
(0.02)
0.50
(0.02)
All dimensions are typical in millimeters (inches).
- Pin diameter: 1.0 +/-0.05 (0.04 +/-0.002)
- Pin pitch tolerance: +/-0.35 (+/-0.014)
- Case tolerance +/-0.5 (+/-0.02)
Specification may change without notice.
Modelcode
Datecode
1
2
3
6
7
8
21.85
(0.86)
17.78
(0.70)
2.54
(0.1)
9.20
(0.36)
5
SIP8
– PLASTIC CASE
PE
AK
65
90
100%
75%
50%
25%
-20
0
20
40
60
80 100
AMBIENT TEMPERATURE (°C)
TEMPERATURE DERATING GRAPH
-40
-20%
#
SINGLE
DUAL
SINGLE "C" DUAL "C"
1 - Vin
- Vin
- Vin
- Vin
2 +Vin
+Vin
+Vin
+Vin
3 Omitted N.C.
Ctrl.
Ctrl.
5 Omitted N.C.
N.C.
N.C.
6 +Vout
+Vout
+Vout
+Vout
7 - Vout
Common - Vout
Common
8 N.C.
- Vout
N.C.
- Vout
PIN CONNECTIONS
App Notes:
¹ = Measured Input reflected ripple current with a simulated source inductance of 12uH and source capacitor Cin
(47uF, ESR<1Ohm at 100KHz)
2 = One load is 25% to 100%, the other load is 100% load, the output voltage variable is within ±5%
3 = Measured with a 0.1uF ceramic capacitor
4 = Tested by normal Vin and 100%-25% load, 25% load step change
5 = Tested by minimal Vin and constant resistive load
Operation at no-load conditions will not damage these devices, however they may not meet all specifications.


Similar Part No. - P26NG-0515Z21LF

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P26 FERROXCUBE-P26 Datasheet
84Kb / 8P
   P cores and accessories
P26-3C81 FERROXCUBE-P26-3C81 Datasheet
52Kb / 4P
   P cores and accessories
P26-3C81-A1000 FERROXCUBE-P26-3C81-A1000 Datasheet
52Kb / 4P
   P cores and accessories
P26-3C81-A315 FERROXCUBE-P26-3C81-A315 Datasheet
52Kb / 4P
   P cores and accessories
P26-3C81-A400 FERROXCUBE-P26-3C81-A400 Datasheet
52Kb / 4P
   P cores and accessories
More results

Similar Description - P26NG-0515Z21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P34TG-243R3E51M PEAK-P34TG-243R3E51M Datasheet
274Kb / 4P
   Single and Dual Reg. Output
PC14NG-123R3E41LF PEAK-PC14NG-123R3E41LF Datasheet
138Kb / 3P
   Single and Dual Reg. Output
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
   SINGLE and DUAL Output
logo
Arch Electronics Corp.
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
   Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
   Single and Dual Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
   Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
   Single and Dual Output
logo
Wall Industries,Inc.
MM12S3.3-5500 WALL-MM12S3.3-5500 Datasheet
236Kb / 8P
   Single and Dual Output
logo
PEAK electronics GmbH
P48WG-243R3E41LF PEAK-P48WG-243R3E41LF Datasheet
101Kb / 4P
   Single and Dual Output
PEA1-0505ELF PEAK-PEA1-0505ELF Datasheet
149Kb / 3P
   Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com