Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C72N8 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S3C72N8
Description  single-chip CMOS microcontroller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72N8 Datasheet(HTML) 2 Page - Samsung semiconductor

  S3C72N8 Datasheet HTML 1Page - Samsung semiconductor S3C72N8 Datasheet HTML 2Page - Samsung semiconductor S3C72N8 Datasheet HTML 3Page - Samsung semiconductor S3C72N8 Datasheet HTML 4Page - Samsung semiconductor S3C72N8 Datasheet HTML 5Page - Samsung semiconductor S3C72N8 Datasheet HTML 6Page - Samsung semiconductor S3C72N8 Datasheet HTML 7Page - Samsung semiconductor S3C72N8 Datasheet HTML 8Page - Samsung semiconductor S3C72N8 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
PRODUCT OVERVIEW
S3C72N8/P72N8/C72N5/P72N5
1-
2
FEATURES
Memory
512
× 4-bit RAM
8 K
× 8-bit ROM (S3C72N8/P72N8)
16 K
× 8-bit ROM (S3C72N5/P72N5)
I/O Pins
Input only: 8 pins
I/O: 24 pins
Output: 8 pins sharing with segment driver
outputs
LCD Controller/Driver
Maximum 16-digit LCD direct drive capability
32 segment, 4 common pins
Display modes: Static, 1/2 duty (1/2 bias),
1/3 duty (1/2 or 1/3 bias), 1/4 duty (1/3 bias)
8-Bit Basic Timer
Programmable interval timer
Watchdog timer
8-Bit Timer/Counter 0
Programmable 8-bit timer
External event counter
Arbitrary clock frequency output
Serial I/O interface clock generator
Watch Timer
Real-time and interval time measurement
Four frequency outputs to BUZ pin
Clock source generation for LCD
8-Bit Serial I/O Interface
8-bit transmit/receive mode
8-bit receive only mode
LSB-first or MSB-first transmission selectable
Internal or external clock source
Bit Sequential Carrier
Support 16-bit serial data transfer in arbitrary
format
Interrupts
Three internal vectored interrupts
Three external vectored interrupts
Two quasi-interrupts
Memory-Mapped I/O Structure
Data memory bank 15
Two Power-Down Modes
Idle mode (only CPU clock stops)
Stop mode (main or sub system oscillation stops)
Oscillation Sources
Crystal, ceramic, or RC for main system clock
Crystal or external oscillator for subsystem clock
Main system clock frequency: 4.19 MHz (typical)
Subsystem clock frequency: 32.768 kHz
CPU clock divider circuit (by 4, 8, or 64)
Instruction Execution Times
0.95, 1.91, 15.3
µs at 4.19 MHz (main)
122
µs at 32.768 kHz (subsystem)
Operating Temperature
– 40 °C to 85 °C
Operating Voltage Range
1.8 V to 5.5 V
Package Type
80-pin QFP


Similar Part No. - S3C72N8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C72N2 SAMSUNG-S3C72N2 Datasheet
232Kb / 29P
   The S3C72N2/C72N4 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C72N4 SAMSUNG-S3C72N4 Datasheet
232Kb / 29P
   The S3C72N2/C72N4 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
More results

Similar Description - S3C72N8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C72M9 SAMSUNG-S3C72M9 Datasheet
196Kb / 38P
   single-chip CMOS microcontroller
S3C7565 SAMSUNG-S3C7565 Datasheet
289Kb / 42P
   single-chip CMOS microcontroller
S3C7559 SAMSUNG-S3C7559 Datasheet
266Kb / 38P
   single-chip CMOS microcontroller
logo
Advanced Micro Devices
80C321 AMD-80C321 Datasheet
1Mb / 25P
   CMOS SINGLE CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Epson Company
S1C63657 EPSON-S1C63657 Datasheet
96Kb / 6P
   CMOS 4-bit Single Chip Microcontroller
S1C6F016 EPSON-S1C6F016 Datasheet
121Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com