Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC14NG-2412E41LF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # PC14NG-2412E41LF
Description  Single and Dual Reg. Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PC14NG-2412E41LF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  PC14NG-2412E41LF Datasheet HTML 1Page - PEAK electronics GmbH PC14NG-2412E41LF Datasheet HTML 2Page - PEAK electronics GmbH PC14NG-2412E41LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PMRBW-Series – PC14NG-xxxxE/Z4:1LF – Single / Dual Output – SIP8 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/3
PC14NG-xxxxE/Z4:1LF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
4:1 Wide Input (see table)
Input Filter
Capacitors
Input Reflected Ripple Current¹
20 mA pk-pk
Start up time (Nominal Vin and constant resistive load)
30mS, typ.
Output Specifications
Voltage Accuracy
± 1%
Short Circuit Protection
Indefinite (Automatic Recovery)
Line Regulation
± 0.2%, max.
Load Regulation
± 1%, max.
Cross Regulation (Dual Output)
± 5%
Ripple and Noise (20Mhz bandwidth)
30 mV pk-pk
Temperature Coefficient
± 0.02% / °C
Transient Recovery Time²
250us, typ.
Transient Response Deviation²
± 3%, max.
General Specifications
I/O Isolation Voltage (3 sec.)
1500 VDC
I/O Isolation Capacity
200 pF, max.
I/O Isolation Resistance
1000 MOhm
Switching Frequency
100 kHz, min.
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 1.7 Mhrs
Physical Specifications
Case Material
Non Conductive Black Plastic
Potting Material
Silicon (UL94V-0 rated)
Weight
~ 4.8g, typ.
Environment Specifications
Operating Temperature
-40 to +71°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PMRBW series is a family of cost effective 3 W single and dual output
DC/DC converters with an control Pin. These converters are in an ultra
miniature SIP8 plastic case. Devices are encapsulated using flame
retardant resin. High performance features include continuous / long time
short circuit protection with automatic restart and tight line / load regulation.
High performance features include high efficiency operation and output
voltage accuracy of ±1% maximum. PMRBW-Series is a good substitution
of traditional DC/DC converters 3W in DIP24 package.
PMRBW-SERIES
3 Watt
4:1 Wide Input
Single and Dual Reg. Output
1.5 kV DC I/O Isolation
SIP8 case
On/Off Control
Contin. Short Circuit Protection
Rev.05-2010


Similar Part No. - PC14NG-2412E41LF

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC14.03.3000D TAOGLAS-PC14.03.3000D Datasheet
741Kb / 9P
   Cable and Connector fully customizable
logo
Vishay Siliconix
PC140 VISHAY-PC140 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
   Ultra Low Profile
logo
Powerbox
PC1400110-24 POWERBOX-PC1400110-24 Datasheet
553Kb / 2P
   1000-2000 WATTS DC/DC SINGLE
PC1400110-28 POWERBOX-PC1400110-28 Datasheet
553Kb / 2P
   1000-2000 WATTS DC/DC SINGLE
More results

Similar Description - PC14NG-2412E41LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P26NG-053R3E21LF PEAK-P26NG-053R3E21LF Datasheet
430Kb / 4P
   Single and Dual Reg Output
P34TG-243R3E51M PEAK-P34TG-243R3E51M Datasheet
274Kb / 4P
   Single and Dual Reg. Output
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
   SINGLE and DUAL Output
logo
Arch Electronics Corp.
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
   Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
   Single and Dual Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
   Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
   Single and Dual Output
logo
Wall Industries,Inc.
MM12S3.3-5500 WALL-MM12S3.3-5500 Datasheet
236Kb / 8P
   Single and Dual Output
logo
PEAK electronics GmbH
P48WG-243R3E41LF PEAK-P48WG-243R3E41LF Datasheet
101Kb / 4P
   Single and Dual Output
PEA1-0505ELF PEAK-PEA1-0505ELF Datasheet
149Kb / 3P
   Single and Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com